Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7323SU16HV-90LF Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # EM7323SU16HV-90LF
Description  2M x 16Bit Asynchronous / Page Mode StRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7323SU16HV-90LF Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7323SU16HV-90LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM7323SU16HV-90LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EM7323SU16H
2Mx16 Async. / Page StRAM
10
Preliminary
Rev. 0.0
Notes :
1. Stresses greater than listed under “Absolute Maximum Ratings” may cause permanet damage to the device.
2. All voltages are reference to VSS.
3. IDD0 depends on the cycle time.
4. IDD0 depends on output loading. Specified values are defined with the output open condition.
5. AC measurement are assumed tR, tF = 5ns.
6. Parameters tOD, tODO, tBD and tODW define the time at which the output goes the open condition and are not
output voltage reference levels
7. Data cannot be retained at deep power-down stand-by mode.
8. If OE is high during the write cycle, the outputs will remain at high impedence.
9. During the output state of DQ signals, input signals of reverse polarity must not be applied.
10. If CE1 or LB / UB goes LOW coincident with or after WE goes LOW, the outputs will remain at high impedence.
11. If CE1 or LB./UB goes HIGH coincident with or before WE goes HIGH, the outputs will remain at high impedence.


Similar Part No. - EM7323SU16HV-90LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323FR16BS-45L EMLSI-EM7323FR16BS-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BS-45LL EMLSI-EM7323FR16BS-45LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BS-85L EMLSI-EM7323FR16BS-85L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BS-85LL EMLSI-EM7323FR16BS-85LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BU-45L EMLSI-EM7323FR16BU-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7323SU16HV-90LF

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
logo
Integrated Silicon Solu...
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16EALL ISSI-IS66WVE2M16EALL Datasheet
622Kb / 31P
   Asynchronous and page mode interface
IS66WVE51216EALL ISSI-IS66WVE51216EALL Datasheet
624Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Samsung semiconductor
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com