Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB55NF06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB55NF06
Description  N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D짼PAK STripFET??II POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF06 Datasheet(HTML) 2 Page - STMicroelectronics

  STB55NF06 Datasheet HTML 1Page - STMicroelectronics STB55NF06 Datasheet HTML 2Page - STMicroelectronics STB55NF06 Datasheet HTML 3Page - STMicroelectronics STB55NF06 Datasheet HTML 4Page - STMicroelectronics STB55NF06 Datasheet HTML 5Page - STMicroelectronics STB55NF06 Datasheet HTML 6Page - STMicroelectronics STB55NF06 Datasheet HTML 7Page - STMicroelectronics STB55NF06 Datasheet HTML 8Page - STMicroelectronics STB55NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STB50NF06 STB55NF06-1 STP55NF06 STP55NF06FP
2/12
THERMAL DATA
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (*)
DYNAMIC
I²PAK
D²PAK
TO-220
TO-220FP
Rthj-case
Thermal Resistance Junction-case
Max
1.36
5
°C/W
Rthj-amb
Tl
Thermal Resistance Junction-ambient
Maximum Lead Temperature For Soldering Purpose
(1.6 mm from case, for 10 sec)
Max
62.5
300
°C/W
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
60
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 27.5 A
0.015
0.018
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS = 15 V
ID = 27.5 A
18
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
1530
300
105
pF
pF
pF


Similar Part No. - STB55NF06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB55NF06 ISC-STB55NF06 Datasheet
317Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB55NF06 VBSEMI-STB55NF06 Datasheet
988Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STB55NF06 STMICROELECTRONICS-STB55NF06 Datasheet
797Kb / 19P
   N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
Rev 11 May 2012
STB55NF06-1 STMICROELECTRONICS-STB55NF06-1 Datasheet
543Kb / 18P
   N-channel 60V - 0.015廓 - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
STB55NF06L STMICROELECTRONICS-STB55NF06L Datasheet
454Kb / 12P
   N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET?줚I POWER MOSFET
More results

Similar Description - STB55NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NF06 STMICROELECTRONICS-STB55NF06_06 Datasheet
543Kb / 18P
   N-channel 60V - 0.015廓 - 50A - D2PAK/I2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
473Kb / 11P
   N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D짼PAK STripFET??II POWER MOSFET
STP1806 STMICROELECTRONICS-STP1806 Datasheet
272Kb / 9P
   N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
November 2004
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
   N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
   N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET??II POWER MOSFET
STF12PF06 STMICROELECTRONICS-STF12PF06 Datasheet
260Kb / 10P
   P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
   N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com