Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160274K630Q-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 160274K630Q-F
Description  Metallized Polyester Radial Lead Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

160274K630Q-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  160274K630Q-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 160274K630Q-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 160274K630Q-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 160274K630Q-F Datasheet HTML 4Page - List of Unclassifed Manufacturers 160274K630Q-F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type 160 Metallized Polyester Radial Lead Capacitors
Capacitor Outline Drawing
Test Method and Performance
L
Max
T
Max
H
Max
S
±.015
(±0.4 mm)
.217 ±.039
(5.5 ±1.0 mm)
Ød
±0.002
(±0.05 mm)
Note: The lead diameter is a maximum dimen-
sion for lead spacing 15 mm and a nominal for
lead spacing >15 mm
Soldering
Test Conditions
Soldering Temperature
260 ºC ±5 ºC
Soldering Duration
10 sec ±1 sec
Performance
Capacitance Change ∆C/C ≤ ±2%
DF Change ∆tgδ
≤30 x 10–4 at 10 kHz for C ≤1.0 µF
20 x 10–4 at 1 kHz for C >1.0 µF
Insulation Resistance
Test Conditions
Temperature
25 ºC ±5 ºC
Voltage Charge Time
1 minute
Voltage Charge
50 Vdc for Vn < 100 Vdc
100 Vdc for Vn ≥ 100 Vdc
Performance
For Vn > 100 Vdc
30,000 MΩ for ≤ 0.33µF
≥1
0,000 MΩ x µF for C > 0.33µF
For Vn ≤100 Vdc
≥1
0,000 MΩ for C ≤ 0.1µF
≥1
,000 MΩ x µF for ≤ 0.1µF
Damp Heat Test
Test Conditions
Temperature
+40 ºC
Relative Humidity
95%
Test Duration
21 days
Performance
Capacitance Change ∆C/C
±5%
DF Change ∆tgδ
50 x 104 at 1 kHz
Insulation Resistance
50% of limit value
Life Test
Test Conditions
Temperature
+85 ºC
Test Duration
1000 hrs
Voltage Applied
1.25 x Vn
Performance
Capacitance Change ∆C/C
±5%
DF Change ∆tgδ
30 x 10–4 at 10 kHz for C ≤1.0 µF
20 x 10–4 at 1 kHz for C >1.0 µF
Insulation Resistance
50% of limit value
Ratings
RoHS Compliant
Cap
Catalog
Inches
Millimeters
(µF)
Part Number
L
T
H
S
Ød
L
T
H
S
Ød
63 Vdc / 40 Vac
.22
.27
.33
160224*63C–F
160274*63C–F
160334*63C–F
0.512
0.512
0.512
0.157
0.157
0.157
0.374
0.374
0.374
0.394
0.394
0.394
0.031
0.031
0.031
13.0
13.0
13.0
4.0
4.0
4.0
9.5
9.5
9.5
10.0
10.0
10.0
0.8
0.8
0.8
.39
160394*63C–F 0.512 0.157 0.374 0.394 0.031
13.0
4.0
9.5
10.0
0.8
.47
160474*63D–F 0.512 0.197 0.433 0.394 0.031
13.0
5.0
11.0
10.0
0.8
.56
160564*63D–F 0.512 0.197 0.433 0.394 0.031
13.0
5.0
11.0
10.0
0.8
.68
160684*63D–F 0.512 0.197 0.433 0.394 0.031
13.0
5.0
11.0
10.0
0.8
.68
160684*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
6.0
12.0
15.0
0.8
.82
160824*63E–F 0.512 0.236 0.472 0.394 0.031
13.0
6.0
12.0
10.0
0.8
.82
160824*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
5.0
11.0
15.0
0.8
1.0
160105*63E–F 0.512 0.236 0.472 0.394 0.031
13.0
6.0
12.0
10.0
0.8
1.0
160105*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
5.0
11.0
15.0
0.8
1.5
160155*63F–F 0.709 0.197 0.433 0.591 0.031
18.0
6.0
12.0
15.0
0.8
2.2
160225*63G–F 0.709 0.236 0.472 0.591 0.031
18.0
7.5
13.5
15.0
0.8
3.3
160335*63M–F 1.043 0.276 0.630 0.886 0.031
26.5
7.0
16.5
22.5
0.8
4.7
160475*63N–F 1.043 0.335 0.669 0.886 0.031
26.5
8.5
17.0
22.5
0.8
6.8
160685*63O–F 1.043 0.394 0.748 0.886 0.031
26.5
10.0
19.0
22.5
0.8
10.0 160106*63P–F 1.260 0.433 0.787 1.083 0.031
32.0
11.0
20.0
27.5
0.8
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 160274K630Q-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160274K630Q-F CDE-160274K630Q-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
More results

Similar Description - 160274K630Q-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
160224J63C-F CDE-160224J63C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
168104J50A-F CDE-168104J50A-F Datasheet
584Kb / 4P
   Type 168/185 Metallized Polyester Radial Lead Capacitors
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Cornell Dubilier Electr...
167683J63A-F CDE-167683J63A-F Datasheet
373Kb / 4P
   Type 167/184 Metallized Polyester Radial Lead Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com