Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4CMC873M035BB8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4CMC873M035BB8
Description  High-Cap, Radial Leaded, Aluminum Electrolytic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4CMC873M035BB8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4CMC873M035BB8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4CMC873M035BB8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4CMC873M035BB8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4CMC873M035BB8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4CMC873M035BB8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4CMC873M035BB8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4CMC873M035BB8 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 4CMC 85 °C, High-Cap, Radial Leaded, Aluminum Electrolytic
Outline Drawings
Case Dimensions
Part Numbering System
4CMC
Type
Terminal
8
Insulation
AK
Case Code
100
Voltage
M
Tolerance
382
Capacitance
(blank) = Straight
Leads
0 = Bare can
8 = PVC and
Standoffs
9 = Polyester and
Standoffs
6R3 = 6.3 V
063 = 63 V
M = ±20%
T = –10% +50%
U = –10 +75%
382 = 3800 µF
212 = 2100 µF
100 = 100 V
Case
Inches
Millimeters
Code D ± .031 L MAX C ± .015 S ± .031 E ± .031 F ± .015 D ± .78 L MAX C ± .78 S ± .78 E ± .78 F ± .38
AK
1.375
1.75
0.50
0.175
0.25
0.55
34.93
44.45
12.70
4.45
6.35
13.97
AA
1.375
2.25
0.50
0.175
0.25
0.55
34.93
57.15
12.70
4.45
6.35
13.97
AH
1.375
2.75
0.50
0.175
0.25
0.55
34.98
69.85
12.70
4.45
6.35
13.97
AB
1.375
3.25
0.50
0.175
0.25
0.55
34.93
82.55
12.70
4.45
6.35
13.97
AJ
1.375
3.75
0.50
0.175
0.25
0.55
34.93
95.25
12.70
4.45
6.35
13.97
AC
1.375
4.25
0.50
0.175
0.25
0.55
34.93 107.95 12.70
4.45
6.35
13.97
AD
1.375
4.75
0.50
0.175
0.25
0.55
34.93 120.65 12.70
4.45
6.35
13.97
AE
1.375
5.25
0.50
0.175
0.25
0.55
34.93 133.35 12.70
4.45
6.35
13.97
AF
1.375
5.75
0.50
0.175
0.25
0.55
34.93 146.05 12.70
4.45
6.35
13.97
EA
1.75
2.25
0.70
0.375
0.35
0.90
44.45
57.15
17.78
9.53
8.89
22.86
EH
1.75
2.75
0.70
0.375
0.35
0.90
44.45
69.85
17.78
9.53
8.89
22.86
EB
1.75
3.25
0.70
0.375
0.35
0.90
44.45
82.55
17.78
9.53
8.89
22.86
EJ
1.75
3.75
0.70
0.375
0.35
0.90
44.45
95.25
17.78
9.53
8.89
22.86
EC
1.75
4.25
0.70
0.375
0.35
0.90
44.45 107.95 17.78
9.53
8.89
22.86
ED
1.75
4.75
0.70
0.375
0.35
0.90
44.45 120.65 17.78
9.53
8.89
22.86
EE
1.75
5.25
0.70
0.375
0.35
0.90
44.45 133.35 17.78
9.53
8.89
22.86
EF
1.75
5.75
0.70
0.375
0.35
0.90
44.45 146.05 17.78
9.53
8.89
22.86
BA
2.00
2.25
0.80
0.425
0.40
1.00
50.80
57.15
20.32
10.80
10.16
25.40
BH
2.00
2.75
0.80
0.425
0.40
1.00
50.80
69.85
20.32
10.80
10.16
25.40
BB
2.00
3.25
0.80
0.425
0.40
1.00
50.80
82.55
20.32
10.80
10.16
25.40
BJ
2.00
3.75
0.80
0.425
0.40
1.00
50.80
95.25
20.32
10.80
10.16
25.40
BC
2.00
4.25
0.80
0.425
0.40
1.00
50.80 107.95 20.32
10.80
10.16
25.40
BD
2.00
4.75
0.80
0.425
0.40
1.00
50.80 120.65 20.32
10.80
10.16
25.40
BE
2.00
5.25
0.80
0.425
0.40
1.00
50.80 133.25 20.32
10.80
10.16
25.40
BF
2.00
5.75
0.80
0.425
0.40
1.00
50.80 146.05 20.32
10.80
10.16
25.40


Similar Part No. - 4CMC873M035BB8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
4CMC873M035BB8 CDE-4CMC873M035BB8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
More results

Similar Description - 4CMC873M035BB8

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
   Radial Leaded Aluminum Electrolytic
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REH AVX-REH Datasheet
500Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
   Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
logo
Cornell Dubilier Electr...
SS220M6R3ST CDE-SS220M6R3ST_14 Datasheet
330Kb / 4P
   Radial Leaded, General Purpose Aluminum Electrolytic
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com