Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C2798GAC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C0402C2798GAC
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C0402C2798GAC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C0402C2798GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C0402C2798GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Surface Mount Chip Capacitors
Type C surface mount multilayer chip capacitors are
available on tape and reel in COG (NPO), X7R, Z5U
and Y5V temperature coefficients. Five standard sizes
(0402, 0603, 0805, 1206, and 1210) are available in
most of the temperature coefficients - 0603 is not avail-
able in Z5U.
Highlights
Nickel barrier/solder terminations
50 Vdc units can be used in 63 Vdc applications
Tape and reel standard
Surface Mount
Specifications
Capacitance Range:
COG
X7R
Z5U
Y5V
Voltage Range:
COG
X7R
Z5U
Y5V
Standard Sizes:
Tape & Reel:
0.5 pF to 0.012 µF
150 pF to 0.33 µF
6800 pF to 0.47 µF
0.022 µF to 2.2 µF
10, 16, 25, 50, 100, 200 Vdc
10, 16, 25, 50, 100, 200 Vdc
50, 100 Vdc
10, 16, 25, 50 Vdc
0402, 0603, 0805, 1206, 1210
(0603 not available in Z5U)
7” reel per EIA RS 481-1
Parts with ^ (caret) following the part number are 2,500
pieces per reel. Parts with # following the part number are
10,000 pieces per reel.
13” reels are available by special request - contact the
factory.
Outline Drawing
Dimensions – Millimeters (Inches)
Size
L
W
T Max.
B
Code
Length
Width
Thickness
Bandwidth
402 1.0(.040) ±0.05(.002) 0.50(.020) ±0.05(.002) 0.55(.022) 0.20(.008) Minimum
603 1.6(.063) ±0.15(.006) 0.80(.032) ±0.15(.006) 0.90(.035) 0.35(.014) ±0.15(.006)
805 2.0(.079) ±0.20(.008) 1.25(.049) ±0.20(.008) 1.30(.051) 0.50(.020) ±0.25(.010)
1206 3.2(.126) ±0.20(.008) 1.60(.063) ±0.20(.008) 1.50(.059) 0.50(.020) ±0.25(.010)
1210 3.2(.126) ±0.20(.008) 2.50(.098) ±0.20(.008) 1.70(.067) 0.50(.020) ±0.25(.010)
Z5U meets all Y5V requirements and can be used in its place
Y5V - Δ ≤ +22/–82% over –30 ºC to +85 ºC
Z5U - Δ ≤ +22/ –56% over +10ºC to +85ºC
RoHS Compliant


Similar Part No. - C0402C2798GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C279B5GACTU KEMET-C0402C279B5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 2.7 pF, /-0.1 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C279C5GACTU KEMET-C0402C279C5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.7 pF, /-0.25 pF, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0402C2798GAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com