Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC326SP16AKU-90L Datasheet(PDF) 7 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AKU-90L
Description  2Mx16 bit CellularRAM AD-MUX
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AKU-90L Datasheet(HTML) 7 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AKU-90L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AKU-90L Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
EMC326SP16AK
2Mx16 CellularRAM AD-MUX
7
Preliminary
Table 1: SIGNAL DESCRIPTIONS
Note:
1. When using asynchronous mode exclusively, CLK can be tied to VSSQ or VCCQ. WAIT should be ignored during asynchronous mode operations.
Symbol
Type
Descriptions
A[20:16]
Input
Address inputs: Inputs for addresses during READ and WRITE operations. Addresses are internally
latched during READ and WRITE cycles. The address lines are also used to define the value to be loaded
into the BCR or the RCR.
CLK
(note1)
Input
Clock: Synchronizes the memory to the system operating frequency during synchronous operations.
When configured for synchronous operation, the address is latched on the first rising CLK edge when
ADV# is active. CLK must be static (HIGH or LOW) during asynchronous access READ and WRITE
operations when burst mode is enabled.
ADV#
(note1)
Input
Address valid: Indiates that a valid address is present on the address inputs. Addresses are latched on
the rising edge of ADV# during asynchronous READ and WRITE operations.
CRE
Input
Control register enable: When CRE is HIGH, WRITE operations load the RCR or BCR, and READ
operations access the RCR, BCR, or DIDR.
CE#
Input
Chip enable: Activates the device when LOW. When CE# is HIGH, the device is disabled and goes into
standby mode.
OE#
Input
Output enable: Enables the output buffers when LOW. When OE# is HIGH, the output buffers are
disabled.
WE#
Input
Write enable: Determines if a given cycle is a WRITE cycle. If WE# is LOW, the cycle is a WRITE to either
a configuration register or to the memory array.
LB#
Input
Lower byte enable. DQ[7:0]
UB#
Input
Upper byte enable. DQ[15:8]
A/DQ[15:0] Input/Output
Address/data I/Os: These pins are a multiplexed address/data bus. As inputs for address, these pins
behave as A[15:0]. A[0] is the LSB of the 16-bit word address within the CellularRAM device. Address,
RCR, and BCR values are loaded with ADV# LOW. Data is input or output when ADV# is HIGH.
WAIT
(note1)
Output
Wait: Provides data-valid feedback during burst READ and WRITE operations. WAIT is used to arbitrate
collisions between refresh and READ/WRITE operations. WAIT is also asserted at the end of row unless
wrapping within the burst length. Wait should be ignored during asynchronous operations. WAIT is High-Z
when CE# is HIGH.
RFU
-
Reserved for future use.
VCC
Supply
Device power supply: (1.70V.1.95V) Power supply for device core operation.
VCCQ
Supply
I/O power supply: (1.70V.1.95V) Power supply for input/output buffers.
VSS
Supply
VSS must be connected to ground.
VSSQ
Supply
VSSQ must be connected to ground.


Similar Part No. - EMC326SP16AKU-90L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10L EMLSI-EMC326SP16AJ-10L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LF EMLSI-EMC326SP16AJ-10LF Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-10LL EMLSI-EMC326SP16AJ-10LL Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC326SP16AJ-12L EMLSI-EMC326SP16AJ-12L Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
More results

Similar Description - EMC326SP16AKU-90L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMC646SP16K EMLSI-EMC646SP16K Datasheet
507Kb / 52P
   4Mx16 bit CellularRAM AD-MUX
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
logo
Analog Devices
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
   10-Bit Monolithic AD Converter
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
   10 BIT 20MHZ AD CONVERTER
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
   Complete 12-bit AD Converter
REV. B
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
   AD converter bit count 10Bit
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
K1S321615M SAMSUNG-K1S321615M Datasheet
239Kb / 12P
   2Mx16 bit Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com