Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALO12B48S Datasheet(PDF) 5 Page - Astec America, Inc

Part # ALO12B48S
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO12B48S Datasheet(HTML) 5 Page - Astec America, Inc

  ALO12B48S Datasheet HTML 1Page - Astec America, Inc ALO12B48S Datasheet HTML 2Page - Astec America, Inc ALO12B48S Datasheet HTML 3Page - Astec America, Inc ALO12B48S Datasheet HTML 4Page - Astec America, Inc ALO12B48S Datasheet HTML 5Page - Astec America, Inc ALO12B48S Datasheet HTML 6Page - Astec America, Inc ALO12B48S Datasheet HTML 7Page - Astec America, Inc ALO12B48S Datasheet HTML 8Page - Astec America, Inc ALO12B48S Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 5 OF 26
AUGUST 25, 2005 - REVISION G
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Dynamic Response
di/dt = 0.1 A/
µs
Peak Deviation
∆IO = 50% to 75% of Iomax
Settling Time
Vref = Vonom
Peak Deviation
∆IO = 50% to 25% of Iomax
Settling Time
Vref = Vonom
All
All
All
All
-
-
-
-
-
-
-
-
2
-
2
-
5
250
5
250
%
µs
%
µs
Output Enable ON/OFF
Open collector TTL compatible
Positive Enable: Mod-ON
Mod-OFF
Negative Enable: Mod-ON
Mod-OFF
All
All
All
All
-
-
-
-
2.95
-0.5
-0.5
2.95
-
-
-
-
20
1.20
1.20
20
V
V
V
V
Note: 1. Derating curves for both openframe and baseplate modules are based on derated component junction
temperatures of 120
°C or less where applicable.
2. An input line fuse is recommended for use (e.g. Littlefuse type 314 – 4A max, 250V min or equivalent).
3. Refer to Figure 1 for Input Ripple Current test measurement setup.
4. Output derating applies at elevated temperature.
5. Refer to Figure 2 for output ripple measurement setup.
6. Refer to the output trim equations provided (Equations 1 and 2).
SAFETY AGENCY / MATERIAL RATING / ISOLATION
Parameter
Device
Safety Approval
All
UL/cUL 60950, 3rd Edition – Recognized
EN 60950 through TUV
Material Flammability Rating
All
UL94V-0
Parameter
Device
Symbol
Min
Typical
Max
Unit
Input to Output Capacitance
All
-
1000
-
pF
Input to Output Resistance
All
-
TBD
-
Ohms
Input to Output Insulation Type
All
-
Basic
-
-


Similar Part No. - ALO12B48S

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO12A48N-L EMERSON-NETWORKPOWER-ALO12A48N-L Datasheet
1Mb / 4P
   66/120 Watts
logo
Astec America, Inc
ALO12A48N-L ASTEC-ALO12A48N-L Datasheet
1Mb / 4P
   Low Ripple and Noise
More results

Similar Description - ALO12B48S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com