Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT157M03013 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TAT157M03013
Description  Commercial Types TAT for CLR79 and TAX for CLR81
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TAT157M03013 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TAT157M03013 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 6Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 7Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 8Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 9Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 10Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 11Page - List of Unclassifed Manufacturers TAT157M03013 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Dielectric withstanding voltage
MIL-STD-202 – Method 301, 2000 VDC minimum
Insulation Resistance (IR): MIL-STD-202 – Method 302, condition B
100 Megohms minimum
Low temperature storage: MIL-STD-810 – Method 502
DCL and DF: Initial requirements
•∆Cap within ±5% of initial measurement
Low and high temperature stability: –55
°°°°°C to +125°°°°°C.
Measure capacitors for thermal stability by testing at these temperatures in this order: +25
°C, –55°C, +25°C, +85°C,
+125
°C, and +25°C. Measure Capacitance and DF at the temperatures listed below with the exception of the DCL, which
is not measured at –55
°C.
Step 1 (+25
°C)
DCL and DF: See standard ratings table
∆Cap: Within tolerance of standard ratings table
Step 2 (–55
°C)
Impedance and
∆Cap: See standard ratings table
Step 3 (+25
°C)
DCL and DF: See standard ratings table
∆Cap: Within ±5% of step one value
Step 4 (+85
°C)
∆Cap, DCL, and DF: See standard ratings table
Step 5 (+125
°C)
∆Cap, DCL, and DF: See standard ratings table
Step 6 (+25
°C)
DCL and DF: See standard ratings table
∆Cap: Within ±5% of step one value
Resistance to Soldering Heat: MIL-STD-202- Method 210, condition C
DCL and DF: See standard ratings table
•∆Cap: Within ±5% of initial measurement
Life test at 85
°°°°°C/125°°°°°C, 2000 hours: MIL-STD-202 – Method 108
DCL and DF: See standard ratings table
•∆Cap: Within ±10% of initial measurement
Cross Reference
Type
Series
MIL Type
Kemet
Sprague
Tansitor
Mallory
Arcotronics
Typical ESR, C,V
TAT
M39006/22
T192
135D
AQ/HAQ
THT/TLX
TH
Extended Range
TAX
M39006/25
T195
135D
AR/HAR
THT/TLX
TH
Cornell Dubilier
These capacitor types are not exactly the same. Review the specifications before purchase to assure interchangeability


Similar Part No. - TAT157M03013

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAT157M03013 CDE-TAT157M03013 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
More results

Similar Description - TAT157M03013

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
logo
Panasonic Semiconductor
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com