Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301R332U050GT2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 301R332U050GT2
Description  High Capacitance and Ultra-Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

301R332U050GT2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  301R332U050GT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301R332U050GT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
300 - 3 leads 152 = 1500 µF M = ±20%
6R3 =6.3 V
0 = bare can E = epoxy
Type
Capacitance Tolerance
Voltage Case Code Insulation
Epoxy
301R
333
U
6R3
JS
2
E
Part Numbering System
300R- 3 leads, 102 = 1000 µF T = 10% +50% 063 = 63 Vdc
1 = Polyester
endseal
low ESR
U = –10 +75% 100 = 100 Vdc
2 = PVC
Blank = no
epoxy
301- 2 leads
8 = PVC
9 = Polyester w/standoffs*
301R- 2 leads, low ESR
w/standoffs*
301A- Laydown 3 leads
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
Cap.
(µF)
Catalog
Part Number
ESR MAX
@ 25°C
120 Hz 20 kHz
(mΏ)
Ripple MAX
@ 85ºC
120 Hz 20 kHz
(mΏ)
Nom Size
Insulated
D x L
(in)
6.3 Vdc (9 Vdc Surge)
8200 301R822U6R3HJ2 44.3
25.7
3.99
4.93
.895 x 1.65
680
301681U6R3EM2 231.0 150.0
1.16
1.44
.51 x 1.10
10000 301R103M6R3LV2 54.0
24.0
3.47
5.21
.73 x 1.63
1000
301102U6R3FK2 160.0
90.0
1.54
2.05
.65 x 1.04
10000 301103U6R3GP2 37.8
21.5
5.12
6.39
.77 x 2.65
1200
301122U6R3ER2 134.0
70.0
1.78
2.46
.51 x 1.73
10000 301R103U6R3GP2 32.7
18.7
5.50
6.86
.77 x 2.65
1500 301R152M6R3EG2 201.0
71.0
1.09
1.84
.51 x .85
12000 301123U6R3GS2 31.0
17.7
6.17
7.70
.77 x 3.15
1500
301152U6R3FN2 105.0
50.0
2.00
2.90
.65 x 1.32
12000 301R123U6R3GS2 26.8
15.3
6.62
8.27
.77 x 3.15
2200 301R222M6R3EM2 110.0
60.0
1.20
1.63
.51 x 1.10
12000 301123U6R3HL2 35.0
21.3
5.20
6.27
.895 x 2.15
2700 301272U6R3GE2 143.0
81.5
1.71
2.13
.77 x 1.15
12000 301R123U6R3HL2 25.5
14.8
6.09
7.54
.895 x 2.15
2700 301R272U6R3GE2 124.0
70.6
1.84
2.29
.77 x 1.15
12000 301123U6R3JJ2
43.0
29.2
4.39
5.02
1.02 x 1.65
3300 301R332M6R3EN2 93.0
57.0
1.78
2.28
.51 x 1.38
12000 301R123U6R3JJ2 37.2
21.2
4.72
5.89
1.02 x 1.65
3300
301332U6R3LV2
76.0
45.0
2.61
3.39
.73 x 1.63
15000 301153U6R3GT2 26.6
15.1
7.10
8.86
.77 x 3.65
3900 301R392M6R3FK2 111.0
41.0
1.84
3.03
.65 x 1.04
15000 301R153U6R3GT2 23.0
13.1
7.62
9.52
.77 x 3.65
3900 301392U6R3HE2 100.0
61.1
2.24
2.71
.895 x 1.15
15000 301153U6R3HP2 27.1
16.5
6.57
7.93
.895 x 2.65
3900 301R392U6R3HE2 86.8
50.3
2.41
2.98
.895 x 1.15
15000 301R153U6R3HP2 19.5
11.3
7.75
9.60
.895 x 2.65
4700 301R472M6R3ER2 68.0
31.0
2.52
3.73
.51 x 1.73
18000 301183U6R3JL2 29.6
20.1
6.08
6.95
1.02 x 2.15
4700
301472U6R3GJ2 72.5
41.3
2.65
3.30
.77 x 1.65
18000 301R183U6R3JL2 19.1
10.9
7.57
9.45
1.02 x 2.15
4700 301R472U6R3GJ2 62.8
35.8
2.84
3.55
.77 x 1.65
22000 301223U6R3HS2 22.4
13.7
7.88
9.51
.895 x 3.15
5600 301R562M6R3FF2 78.0
37.0
2.43
3.53
.65 x 1.32
22000 301R223U6R3HS2 15.9
9.2
9.35
11.60
.895 x 3.15
5600
301562U6R3JE2
83.8
57.0
2.56
2.92
1.02 x 1.15
22000 301223U6R3JP2 23.0
15.6
7.66
8.75
1.02 x 2.65
5600 301R562U6R3JE2 72.7
41.4
2.75
3.43
1.02 x 1.15
22000 301R223U6R3JP2 14.7
8.4
9.59
12.00
1.02 x 2.65
6800 301R682M6R3FQ2 71.0
34.0
2.53
3.65
.65 x 1.48
27000 301273U6R3HT2 19.4
11.9
9.04
10.90
.895 x 3.65
8200 301R822M6R3FV2 59.0
31.0
3.03
4.18
.65 x 1.65
27000 301R273U6R3HT2 13.6
7.9
10.80
13.40
.895 x 3.65
8200 301R822M6R3LQ2 67.0
29.0
2.97
4.51
.73 x 1.48
27000 301273U6R3JS2 19.2
13.0
9.11
10.40
1.02 x 3.15
8200
301822U6R3GL2 49.2
28.1
4.02
5.02
.77 x 2.15
27000 301R273U6R3JS2 15.1
8.6
10.30
12.80
1.02 x 3.15
8200 301R822U6R3GL2 42.7
24.3
4.32
5.40
.77 x 2.15
33000 301333U6R3JT2 16.7
11.4 10.50
12.00
1.02 x 3.65
8200
301822U6R3HJ2
51.1
31.2
3.71
4.48
.895 x 1.65
33000 301R333U6R3JT2 10.4
5.9
13.30
16.60
1.02 x 3.65
Ratings
RoHS Compliant


Similar Part No. - 301R332U050GT2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
301R332U050GT2 CDE-301R332U050GT2 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
More results

Similar Description - 301R332U050GT2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
300 CDE-300_17 Datasheet
764Kb / 12P
   High Capacitance and Ultra-Low ESR
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Nichicon corporation
RR5 NICHICON-RR5 Datasheet
660Kb / 2P
   Ultra-low ESR
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
   Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
logo
Illinois Capacitor, Inc...
ALG ILLINOISCAPACITOR-ALG Datasheet
176Kb / 2P
   Highest capacitance & Voltage, Low ESR
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com