Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM7323SU16HY-85L Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM7323SU16HY-85L
Description  2M x 16Bit Asynchronous / Page Mode StRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM7323SU16HY-85L Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM7323SU16HY-85L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM7323SU16HY-85L Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EM7323SU16H
2Mx16 Async. / Page StRAM
6
Preliminary
Rev. 0.0
AC CHARACTERISTICS (Vcc = 2.6 to 3.3V, Gnd = 0V, TA = -25
oC to +85oC) (SEE NOTE 5-11)
Symbol
Parameter List
Speed
Unit
Min
Max
tRC
Read Cycle Time
65
10000
ns
tACC
Address Access Time
-
65
ns
tCO
Chip Enable(CE1) Access Time
-
65
ns
tOE
Output Enable Access Time
-
25
ns
tBA
Data Byte Control Access Time
-
25
ns
tCOE
Chip Enable Low to Output Active
10
-
ns
tOEE
Output Enable Low to Output Active
0
-
ns
tBE
Data Byte Control Low to Output Active
0
-
ns
tOD
Chip Enable High to Ouput High-Z
-
20
ns
tODO
Output Enable High to Output High-Z
-
20
ns
tBD
Data Byte Control High to Output High-Z
-
20
ns
tOH
Output Data Hold Time
5
-
ns
tPM
Page Mode Time
65
10000
ns
tPC
Page Mode Cycle Time
20
-
ns
tAA
Page Mode Address Access Time
-
20
ns
tAOH
Page Mode Output Data Hold Time
5
-
ns
tWC
Write Cycle Time
65
10000
ns
tWP
Write Pulse Width
50
-
ns
tCW
Chip Enable to End of Write
65
-
ns
tBW
Data Byte Control to End of Write
60
-
ns
tAW
Address Valid to End of Write
60
-
ns
tAS
Address Set-up Time
0
-
ns
tWR
Write Recovery Time
0
-
ns
tCEH
Chip Enable High Pulse Width
10
-
ns
tWEH
Write Enable High Pulse Width
6
-
ns
tODW
WE Low to Output High-Z
-
20
ns
tOEW
WE High to Output Active
0
-
ns
tDS
Data Set-up Time
30
-
ns
tDH
Data Hold Time
0
-
ns
tCS
CE2 Set-up Time
0
-
ns
tCH
CE2 Hold Time
300
-
us
tDPD
CE2 Pulse Width
10
-
ms
tCHC
CE2 Hold from CE1
0-
ns
tCHP
CE2 Hold from Power On
30
-
us
PARAMETER
CONDITION
Output load
50 ohm+0.5 * VDD
Input pulse level
VDD-0.2V, 0.2V
Timing measurements
VDD * 0.5
Reference level
VDD * 0.5
tR, tF
5 ns
AC TEST CONDITIONS


Similar Part No. - EM7323SU16HY-85L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7323FR16BS-45L EMLSI-EM7323FR16BS-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BS-45LL EMLSI-EM7323FR16BS-45LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BS-85L EMLSI-EM7323FR16BS-85L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BS-85LL EMLSI-EM7323FR16BS-85LL Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM7323FR16BU-45L EMLSI-EM7323FR16BU-45L Datasheet
81Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM7323SU16HY-85L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
logo
Integrated Silicon Solu...
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16EALL ISSI-IS66WVE2M16EALL Datasheet
622Kb / 31P
   Asynchronous and page mode interface
IS66WVE51216EALL ISSI-IS66WVE51216EALL Datasheet
624Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Samsung semiconductor
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com