Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESRD101M12B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ESRD101M12B
Description  SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRD101M12B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ESRD101M12B Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRD101M12B Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRD101M12B Datasheet HTML 3Page - List of Unclassifed Manufacturers ESRD101M12B Datasheet HTML 4Page - List of Unclassifed Manufacturers ESRD101M12B Datasheet HTML 5Page - List of Unclassifed Manufacturers ESRD101M12B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.040
C O RN ELL
D U B I LIE R
Your Source For Capacitor Solutions
SPA Capacitors
Solid Polymer Aluminum Capacitors
Specifications
Operating Temperature Range;
-55
°C to +105°C, at 100% rated voltage
Surge Voltage;
125% of the rated working Vdc
Capacitance Range;
2.2
µF to 390 µF
Capacitance Tolerance;
±20% at 120 Hz and +20°C
DC Leakage Current (DCL);
After a two minute application of the rated
working voltage at +20
°C:
2V - 4V: I
≤ 0.06CV
6.3V - 16V: I
≤ 0.04CV or 3µA
(whichever greater)
Dissipation Factor (DF);
The ratio of the capacitorís equivalent series
resistance to its reactance at 120Hz and +20
°C.
ESRL & ESRD (1.8 mm ht.): D.F. is .06 Max.
ESRE & ESRD (2.8 mm ht.): D.F. is .10 Max.
Resistance to Soldering Heat;
Heat the capacitors at 235
°C in an oven for 200
seconds. The capacitors will meet the following
limits after stabilizing at 20
°C:
∆C = ±10% of the initial measured value
DF
≤ the initial specified value
DCL
≤ the initial specified value
Moisture Resistance;
After 500 hours storage at +60
°C and 90 to 95%
R.H. without load, the capacitor will meet the
following limits:
∆C = +70%/-20% of the initial
measured value (2.0 Vdc, 2.5 Vdc),
+60%/-20% of the initial
measured value (4.0 Vdc),
+50%/-20% of the initial
measured value (6.3 Vdc),
+40%/-20% of the initial
measured value (all other voltages)
DF
≤ two times the initial specified value
DCL
≤ the initial specified value
Life Test;
Apply rated DC working voltage at 105
°C for
1000 hours, and then stabilize them to +20
°C.
Capacitors will meet the following limits:
∆C = ±10% of the initial measured value
DF
≤ the initial specified value
DCL
≤ the initial specified value
Shelf Life Test;
Shelf life is typically 5 to 10 years. Accelerated
test: after 500 hours at 105
°C, capacitors will meet
the following limits after stabilization at 20
°C:
∆C = ±10% of the initial measured value
DF
≤ the initial specified value
DCL
≤ the initial specified value
Shear Test;
No damage shall be visible after subjecting a
mounted capacitor to a side force of 5 N for 10
seconds
Vibration;
No abnormal change shall occur to capacitors that
have been soldered (and attached) to a board when
subjected to a vibration of 1.5 mm amplitude that
is varied from 10 Hz to 2000 Hz in 20 min. cycles.
The test duration is 2 hours for each right angle
direction (total 6 hours). Capacitance is monitored
during the last cycle of the test for stablilty.


Similar Part No. - ESRD101M12B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRD101M12R ETC2-ESRD101M12R Datasheet
225Kb / 3P
    Solid Polymer Aluminum SMT Capacitors
More results

Similar Description - ESRD101M12B

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
Panasonic Battery Group
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com