Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM742SP16DW-12L Datasheet(PDF) 4 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16DW-12L
Description  256K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16DW-12L Datasheet(HTML) 4 Page - Emerging Memory & Logic Solutions Inc

  EM742SP16DW-12L Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16DW-12L Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
4
DC AND OPERATING CHARACTERISTICS
1. Maximum Icc specifications are tested with VCC = VCCmax.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL ,
VIO=VSS to VCCQ , VCC=VCCmax
-1
-
1
uA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA,
CS<0.2V, VIN<0.2V or VIN>VCCQ-0.2V
-
-
3
mA
ICC2
Cycle time = Min, IIO=0mA, 100% duty,
CS=VIL, VIN=VIL or VIH
-
-
25
mA
Output low voltage
VOL
IOL = 0.1mA, VCC=VCCmin
-
-
0.1
V
Output high voltage
VOH
IOH = -0.1mA, VCC=VCCmin
VCCQ-0.1
-
-
V
Standby Current (CMOS)
ISB1
CS>VCCQ-0.2V, Other inputs = 0 ~ VCCQ
(Typ. condition : VCC=1.8V @ 25oC)
(Max. condition : VCC=1.9V @ 85oC)
LL
-
-
60
uA
RECOMMENDED DC OPERATING CONDITIONS 1)
1. TA= -25 to 85oC, otherwise specified
2. Overshoot: VCC +1.0 V in case of pulse width < 20ns
3. Undershoot: -1.0 V in case of pulse width < 20ns
4. Overshoot and undershoot are sampled, not 100% tested
.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
1.7
1.8
1.9
V
VCCQ
1.7
1.8
1.9
V
Ground
VSS, VSSQ
0
0
0
V
Input high voltage
VIH
VCCQ - 0.4
-
VCCQ + 0.22)
V
Input low voltage
VIL
-0.23)
-
0.4
V
CAPACITANCE1) (f =1MHz, TA=25oC)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF


Similar Part No. - EM742SP16DW-12L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16DW-12L

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com