Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESRE101M08R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ESRE101M08R
Description  SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE101M08R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ESRE101M08R Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE101M08R Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE101M08R Datasheet HTML 3Page - List of Unclassifed Manufacturers ESRE101M08R Datasheet HTML 4Page - List of Unclassifed Manufacturers ESRE101M08R Datasheet HTML 5Page - List of Unclassifed Manufacturers ESRE101M08R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.036
C O RN ELL
D U B I LIE R
Your Source For Capacitor Solutions
SPA Capacitors
Solid Polymer Aluminum Capacitors
Markings
Ordering Information
Polarity Stripe (Anode)
+
Capacitance
("R" = Decimal Point)
W.V. Code
D = 2.0 V
E = 2.5 V
G = 4.0 V
J = 6.3 V
CDE
Type
CAPACITANCE
CODE
4R7 = 4.7
µF
220 = 22
µF
101 = 100
µF
CAPACITANCE
TOLERANCE
M =
± 20%
WVDC CODE
02 = 2.0 Vdc
0E = 2.5 Vdc
04 = 4.0 Vdc
06 = 6.3 Vdc
PACKAGING CODE
R = Tape & Reel
ESRD (1.8mm Ht.): 3500 pcs/ reel
ESRD (2.8mm Ht.): 2000 pcs/ reel
ESRE: 2000 pcs/reel
ESRL: 3500 pcs/reel
B = Bulk Quantity
(100 pc multiples)
ESRD
4R7
M
16
R
K = 8.0 V
B = 12.5 V
C = 16.0 V
08 = 8.0 Vdc
12 = 12.5 Vdc
16 = 16.0 Vdc
Applications
Motherboard By-Pass
Switching Supply Input/Output Filters
Power Supply Decoupling
High Frequency Noise Reduction
Laptop LCD Displays
Automotive Digital Equipment
Portable Electronic Equipment
Lot Code


Similar Part No. - ESRE101M08R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRE101M08R ETC2-ESRE101M08R Datasheet
296Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
ESRE101M08R ETC2-ESRE101M08R Datasheet
250Kb / 3P
   Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
ESRE101M08R CDE-ESRE101M08R Datasheet
251Kb / 3P
   Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
More results

Similar Description - ESRE101M08R

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
Panasonic Battery Group
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
   Aluminum-Polymer Solid Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com