Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM742SP16B-70S Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16B-70S
Description  256K x 16Bit Multiplexed Single Transistor RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16B-70S Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM742SP16B-70S Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM742SP16B-70S Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
6
TIMING WAVEFORM OF READ CYCLE (1) ( WE = VIH )
TIMING DIAGRAMS
Device Operaton
The access is performed in two stages. The first stage is address latching. The first stage take place between point A and
B in timing diagram. At this stage, the Chip Select(CS) to the device is asserted. The random access is enabled either
from the point the address becomes stable, the falling edge of the AVD signal or from the falling edge of the last chip
select signal. The second stage is the read or write access. This takes place between points B and C in timing diagram.
In case of a read access, the multiplexed address/data bus (ADQ0 ~ ADQ15) changes its direction. It is important to notice
tOE when it is dominant that the device gets into the read cycle since the address is available long before the device
output is enabled.
Read Access
The read access is initiated by applying the address to the multiplexed address/data bus or to the address bus over A15
(A16 -> Axx). When the address is stable, the device chip select(CS) is set active low. At point A, the AVD signal is taken
low and the latch becomes transparent. This allows the address to be propagated to the memory array. The address is
stable at the rising edge of the AVD signal. The AVD signal goes high at point B in which the address latch is completed.
At this point the read cycle is entered. The OE signal is set active low. This changes the direction of the bus. The status
of control signals UB and LB are set according to the access. Data is read at point C.
tAVD
tACC1
tAVDS
tAVDH
Address Valid
Data Valid
tOHZ
tHZ
tBHZ
tACC2
tOE
tOLZ
tCSS
tACC3
tUBLBA
tBLZ
C
B
A
AVD
OE
CS
UB, LB
Address/Data
tADOE


Similar Part No. - EM742SP16B-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM740FP16AS-45LF EMLSI-EM740FP16AS-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-45LL EMLSI-EM740FP16AS-45LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LF EMLSI-EM740FP16AS-70LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AS-70LL EMLSI-EM740FP16AS-70LL Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM740FP16AW-45LF EMLSI-EM740FP16AW-45LF Datasheet
72Kb / 11P
   64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM742SP16B-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7162SP16AW EMLSI-EM7162SP16AW Datasheet
428Kb / 11P
   1M x 16Bit Multiplexed Single Transistor RAM
EM782SP16A EMLSI-EM782SP16A Datasheet
392Kb / 10P
   512K x 16Bit Multiplexed Single Transistor RAM
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
   CMOS 1M x 16BIT DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com