Electronic Components Datasheet Search
Selected language     English  ▼


J0060L5050A00 Datasheet(PDF) 1 Page - Anaren Microwave

Part No. J0060L5050A00
Description  Ultra Low Profile 0603 RF Jumper
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANAREN [Anaren Microwave]
Homepage  http://www.anaren.com
Logo 

   
 1 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model J0060L5050A00
Rev C
Ultra Low Profile 0603 RF Jumper
Description
The (patent pending) J0060L5050A00 is an ultra-small low profile jumper that
enables the transition of two intersecting RF traces in an easy to use industry
standard SMT package. The 0603 jumper permits one path to continue on the PWB
while the other path is jumped within the component. The jumper is ideal for any
critical applications where layout and available space are a premium and resorting to
addition PWB layers and larger overall footprints are unacceptable. With low insertion
loss and high isolation packaged with cost in mind, this novel component delivers
.
Detailed Electrical Specifications*: Specifications subject to change without notice.
ROOM (25
°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
0
6000
MHz
Port Impedance
50
Return Loss
16
18
dB
Insertion Loss
0.1
0.15
dB
Isolation (cross-talk)
0 – 700 MHz
45
53
dB
700 - 1700 MHz
40
48
dB
1700 - 2200 MHz
39
46
dB
2200 - 3000 MHz
37
44
dB
3000 - 6000 MHz
29
33
dB
Power Handling
2
Watts
Features:
• 0 – 6000 MHz.
• 0.7mm Height Profile
• 50 Ohm RF Jumper
• All Wireless Frequencies
• Low Insertion Loss
• High Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
Operating Temperature
-55
+85
ºC
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Pin
3
1
2
4
Designation
GND
GND
RF 1 In / Out
Orientation
Marker Denotes
Pin Location
.027±.002
[0.70±0.05]
.059±.004
[1.50±0.10]
.029±.004
[0.75±0.10]
.008
[0.20]
.010
[0.24]
3
4
.020
[0.52]
2
.039
[1.00]
1
RF 1 In / Out




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B4859A53Ultra Small Low Profile 0603 Balun 50Ω to 100Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD2326L50150A00Ultra Small Low Profile 0603 Balun 50Ω to 150Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD2326L50200A00Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD3150L50100A00Ultra Small Low Profile 0603 Balun 50Ω to 100Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD3150L50200A00Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD4859L5075A00Ultra Small Low Profile 0603 Balun 50Ω to 75Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD4859L50100A00Ultra Small Low Profile 0603 Balun 50Ω to 100Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD4859L50150A00Ultra Small Low Profile 0603 Balun 50Ω to 150Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD4859L50200A00Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD1222J50200A00Ultra Low Profile 0805 Balun 50Ω to 200Ω Balanced 1 2 3 4 5 MoreAnaren Microwave

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl