Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB36G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TB36G
Description  3.0A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB36G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TB36G Datasheet HTML 1Page - TAITRON Components Incorporated TB36G Datasheet HTML 2Page - TAITRON Components Incorporated TB36G Datasheet HTML 3Page - TAITRON Components Incorporated TB36G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TB305G – TB310G
Rev. A/JJ 2007-06-10
3.0A GLASS PASSIVATED
BRIDGE RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
3.0A Glass Passivated Bridge Rectifier
Features
• High forward surge current capability
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260°C/10 seconds, at 5 lbs. (2.3kg) tension
• RoHS Compliant
Mechanical Data
Case:
Molded plastic body
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Lead solderable per MIL-STD-202, Method 208
Polarity:
Hole thru for #6 screw
Weight:
0.093 ounce, 2.62 grams
Maximum Ratings & Electrical Characteristics (TAmbient=25ºC unless noted)
Note:
8.3 ms single half sine-wave superimposed on rated load (JEDEC Method)
Symbol
Description
TB305G
TB31G
TB32G
TB34G
TB36G
TB38G
TB310G
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IO(AV)
Maximum Average Forward
Rectified Current
3.0
A
TA=50°C
IFSM
Peak Forward Surge Current
60
A
Note
VF
Maximum Forward Voltage
1.0
V
IO=1.5A
10.0
TA = 25 °C
IR
Maximum Reverse Current at
Rated DC Blocking Voltage
per element
500
uA
TA =125 °C
TJ
Operating Temperature Range
-55 to +150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
TB3


Similar Part No. - TB36G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB36 ETC2-TB36 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB36 TAITRON-TB36 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
TB36 ETC2-TB36 Datasheet
275Kb / 8P
   .375 (9.52mm) Center-to-Center Spacing
logo
TAI-SAW TECHNOLOGY CO.,...
TB360EC TAI-SAW-TB360EC Datasheet
415Kb / 8P
   SAW Filter 360 MHz SMD3.8x3.8 mm
logo
Golledge Electronics Lt...
TB360EC GOLLEDGE-TB360EC Datasheet
347Kb / 7P
   SAW Filter 360.0MHz
More results

Similar Description - TB36G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB301 ZSELEC-DB301 Datasheet
73Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC1005 TAITRON-GBPC1005 Datasheet
208Kb / 4P
   3.0A Glass Passivated Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
D3KB1 YFWDIODE-D3KB1 Datasheet
461Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF305 ZSELEC-DBF305 Datasheet
162Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com