Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1505 Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # TB1505
Description  15.0A Single-Phase Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB1505 Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  TB1505 Datasheet HTML 1Page - TAITRON Components Incorporated TB1505 Datasheet HTML 2Page - TAITRON Components Incorporated TB1505 Datasheet HTML 3Page - TAITRON Components Incorporated TB1505 Datasheet HTML 4Page - TAITRON Components Incorporated TB1505 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 5 of 5
TB1505 –TB1510
15.0A SINGLE-PHASE BRIDGE RECTIFIER
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - TB1505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
   15.0A SINGLE-PHASE BRIDGE RECTIFIER
TB1505-TB1510 ETC2-TB1505-TB1510 Datasheet
237Kb / 5P
   15.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1505G TAITRON-TB1505G Datasheet
233Kb / 5P
   15.0A Glass Passivated Bridge Rectifier
TB1505GW TAITRON-TB1505GW Datasheet
240Kb / 5P
   15.0A Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
TB1505S ZSELEC-TB1505S Datasheet
86Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - TB1505

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
   15.0A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
   15.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
41Kb / 2P
   15.0A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
TB1505W TAITRON-TB1505W Datasheet
243Kb / 5P
   15.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJL25J SMCDIODE-GBJL25J Datasheet
313Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBU15005 SMCDIODE-GBU15005 Datasheet
340Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. A
GBJL15J SMCDIODE-GBJL15J Datasheet
329Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
logo
Gulf Semiconductor
KBPC15005 GULFSEMI-KBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 15.0A
GSIB1505 GULFSEMI-GSIB1505 Datasheet
146Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 15.0A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com