Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB102M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TB102M
Description  10.0A Single-Phase Silicon Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB102M Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TB102M Datasheet HTML 1Page - TAITRON Components Incorporated TB102M Datasheet HTML 2Page - TAITRON Components Incorporated TB102M Datasheet HTML 3Page - TAITRON Components Incorporated TB102M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TB1005M – TB1010M
Rev. A/JJ 2007-06-10
10.0A SINGLE-PHASE SILICON
BRIDGE RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
10.0A Single-Phase Silicon Bridge Rectifier
Features
• High forward surge current capability
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260°C/10 seconds/5 lbs. (2.3kg) tension
• RoHS Compliant
Mechanical Data
Case:
Molded plastic body
Epoxy:
Meets UL 94V-0 flammability rating
Terminals:
Lead solderable per MIL-STD-202E method 208C
Polarity:
Marked on case
Weight:
3.8 grams
Maximum Ratings & Electrical Characteristics (TAmbient=25ºC unless noted)
NOTE:
8.3 ms single half sine-wave superimposed on rated load (JEDEC Method)
Symbol
Description
TB1005M
TB101M
TB102M
TB104M
TB106M
TB108M
TB1010M
Unit
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IO(AV)
Maximum Average Forward
Rectified Current @TA = 50°C
10.0
A
IFSM
Peak Forward Surge Current
(Note)
150
A
VF
Maximum Forward Voltage
@IO=5A
1.1
V
5.0
TA = 25 °C
IR
Maximum Reverse Current at
Rated DC Blocking Voltage
per element
500
TA =100 °C
uA
TJ
Operating Temperature
Range
-55 to +125
° C
TSTG
Storage Temperature Range
-55 to +150
° C
TB6


Similar Part No. - TB102M

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB102 TAITRON-TB102 Datasheet
177Kb / 4P
   10A Single-Phase Bridge Rectifier
logo
TAI-SAW TECHNOLOGY CO.,...
TB1020A TAI-SAW-TB1020A Datasheet
330Kb / 7P
   IF SAW Filter 49.17 MHz
TB1021A TAI-SAW-TB1021A Datasheet
440Kb / 7P
   IF SAW Filter 43.75 MHz
TB1022A TAI-SAW-TB1022A Datasheet
365Kb / 7P
   IF SAW Filter 827.4MHz SMD 13.3X6.5mm
logo
Golledge Electronics Lt...
TB1022A GOLLEDGE-TB1022A Datasheet
135Kb / 6P
   SAW Filter 827.40MHz
More results

Similar Description - TB102M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA100 SANYO-DBA100 Datasheet
42Kb / 2P
   10.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
EN651 ONSEMI-EN651 Datasheet
290Kb / 2P
   10.0A Single-Phase Bridge Rectifier
October, 2013
DBA100G ONSEMI-DBA100G Datasheet
290Kb / 2P
   10.0A Single-Phase Bridge Rectifier
October, 2013
logo
Sangdest Microelectroni...
GBU10005 SMC-GBU10005 Datasheet
130Kb / 4P
   Single-Phase 10.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU10005 SMCDIODE-GBU10005 Datasheet
310Kb / 5P
   Single-Phase 10.0A Glass Passivated Bridge Rectifier
Rev. B
GBJ10005 SMCDIODE-GBJ10005 Datasheet
341Kb / 5P
   Single-Phase 10.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Sangdest Microelectroni...
GBJ10005 SMC-GBJ10005 Datasheet
127Kb / 4P
   Single-Phase 10.0A Glass Passivated Bridge Rectifier
logo
Gulf Semiconductor
KBPC10005 GULFSEMI-KBPC10005 Datasheet
3Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:10.0A
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com