Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB352G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TB352G
Description  35.0A Glass Passivated Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB352G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TB352G Datasheet HTML 1Page - TAITRON Components Incorporated TB352G Datasheet HTML 2Page - TAITRON Components Incorporated TB352G Datasheet HTML 3Page - TAITRON Components Incorporated TB352G Datasheet HTML 4Page - TAITRON Components Incorporated TB352G Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/JJ 2007-06-15
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAIT-FAX
(800)-824-8329
(661)-257-6415
TB3505G –TB3510G
35.0A GLASS PASSIVATED
BRIDGE RECTIFIER
35.0A Glass Passivated Bridge Rectifier
Features
• High forward surge current capability
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260°C/10 seconds, 5 lbs (2.3kg) tension
• RoHS Compliant
Mechanical Data
Case:
Molded plastic body with Metal Heat Sink
Polarity:
Polarity symbols marked on case
Terminals:
Plated 0.25" (6.35mm) lug
Mounting Position:
Thru hole for #10 screw,20 in -lbs. torque max
Weight:
0.53 ounce, 15 grams
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
TB3505G
TB351G
TB352G TB354G TB356G TB358G TB3510G
Unit
VRRM
Max. recurrent peak reverse
voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
Io(AV)
Max. average forward rectified
current @ TC=50° C
35.0
A
IFSM
Peak forward surge current
(Note 1)
400
A
VISO
Isolation Voltage from case to
lugs
2500
V
CJ
Typical Capacitance
Junction(per element)(Note 2)
300
pF
TJ
Operating junction
temperature range
-55 to +150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
TB35


Similar Part No. - TB352G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB352GW TAITRON-TB352GW Datasheet
243Kb / 5P
   35.0A Glass Passivated Bridge Rectifier
More results

Similar Description - TB352G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB3505GW TAITRON-TB3505GW Datasheet
243Kb / 5P
   35.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ35005 SMCDIODE-GBJ35005 Datasheet
425Kb / 5P
   Single-Phase 35.0A Glass Passivated Bridge Rectifier
Rev. B
logo
Gulf Semiconductor
GBPC35005 GULFSEMI-GBPC35005 Datasheet
124Kb / 3P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:35.0A
logo
TAITRON Components Inco...
TB3505W TAITRON-TB3505W Datasheet
242Kb / 5P
   35.0A Single-Phase Bridge Rectifier
TB3505 TAITRON-TB3505 Datasheet
235Kb / 5P
   35.0A Single-Phase Bridge Rectifier
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com