Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB60NF03L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB60NF03L
Description  N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NF03L Datasheet(HTML) 2 Page - STMicroelectronics

  STB60NF03L Datasheet HTML 1Page - STMicroelectronics STB60NF03L Datasheet HTML 2Page - STMicroelectronics STB60NF03L Datasheet HTML 3Page - STMicroelectronics STB60NF03L Datasheet HTML 4Page - STMicroelectronics STB60NF03L Datasheet HTML 5Page - STMicroelectronics STB60NF03L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
T l
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Maximum Lead Temperature F or Soldering Purpose
1.5
62.5
300
oC/W
oC/W
oC
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
30
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 250
µA1
1.5
2. 5
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V
ID =30 A
VGS =4.5V
ID =30 A
0.008
0.0095
0.01
0.015
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
60
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(on) xRDS(on)max
ID =30 A
60
S
Ciss
Cos s
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
2550
630
215
pF
pF
pF
STB60NF03L
2/6


Similar Part No. - STB60NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET??POWER MOSFET
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
421Kb / 14P
   N-channel 60V - 0.014廓 - 60A - D2PAK/I2PAK STripFET??II Power MOSFET
STB60NF06-1 STMICROELECTRONICS-STB60NF06-1 Datasheet
421Kb / 14P
   N-channel 60V - 0.014廓 - 60A - D2PAK/I2PAK STripFET??II Power MOSFET
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
472Kb / 11P
   N-CHANNEL 60V - 0.012 OHM - 60A TO-220/TO-220FP/D2PAK STripFET??II POWER MOSFET
STB60NF06L STMICROELECTRONICS-STB60NF06L Datasheet
516Kb / 16P
   N-channel 60V - 0.012廓 - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
More results

Similar Description - STB60NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STP60NF03L STMICROELECTRONICS-STP60NF03L_06 Datasheet
257Kb / 12P
   N-channel 30V - 0.008廓 - 60A TO-220 STripFET??Power MOSFET
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
   N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
   N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET??II POWER MOSFET
May 2002
STB60NH02L STMICROELECTRONICS-STB60NH02L_04 Datasheet
579Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
May 2004
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com