Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCF Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TCF
Description  SMD Long Life Electrolytic Caps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCF Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TCF Datasheet HTML 1Page - TAITRON Components Incorporated TCF Datasheet HTML 2Page - TAITRON Components Incorporated TCF Datasheet HTML 3Page - TAITRON Components Incorporated TCF Datasheet HTML 4Page - TAITRON Components Incorporated TCF Datasheet HTML 5Page - TAITRON Components Incorporated TCF Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Long Life Electrolytic Caps
Rev. A/JJ 20070914
TCF Series
www.taitroncomponents.com
Page 3 of 6
Rated Voltage (V)
25
35
50
C(µF)
Size
tanδ
Ripple
ESR
Size
tanδ
Ripple
ESR
Size
tanδ
Ripple
ESR
0.1
4x5.4
0.12
1
1593
0.22
4x5.4
0.12
2
723
0.33
4x5.4
0.12
3
482
0.47
4x5.4
0.12
5
338
1
4x5.4
0.12
10
159
2.2
4x5.4
0.12
8
72.3
4x5.4
0.12
16
72.3
3.3
4x5.4
0.12
10
48.2
4x5.4
0.12
16
48.2
4.7
4x5.4
0.14
22
39.5
4x5.4
0.12
22
33.8
5x5.4
0.12
23
33.8
4x5.4
0.20
24
26.5
4x5.4
0.16
24
21.2
10
5x5.4
0.14
28
18.5
5x5.4
0.12
30
15.9
6.3x5.4
0.12
35
15.9
22
6.3x5.4
0.14
55
8.44
6.3x5.4
0.12
60
7.23
8x6.2
0.12
110
7.23
33
6.3x5.4
0.14
65
5.62
8x6.2
0.14
130
5.62
8x10.2
0.12
120
4.82
6.3x5.4
0.20
70
5.64
47
8x6.2
0.16
96
4.51
8x6.2
0.14
165
3.95
10x10.2
0.12
130
3.38
100
8x10.2
0.16
180
2.12
10x10.2
0.14
210
1.85
10x10.2
0.12
190
1.59
220
10x10.2
0.16
310
0.96
10x10.2
0.14
310
0.84
Rated Voltage (V)
63
100
C(µF)
Size
tanδ
Ripple
ESR
Size
tanδ
Ripple
ESR
3.3
8x10.2
0.18
30
72.3
4.7
8x10.2
0.18
25
50.8
8x10.2
0.18
80
50.8
10
8x10.2
0.18
25
23.8
8x10.2
0.18
85
23.8
22
8x10.2
0.18
45
10.8
10x10.2
0.18
85
10.8
33
10x10.2
0.18
45
7.23
10x10.2
0.18
90
7.23
47
10x10.2
0.18
55
5.08
Note: 1. Case Size: фD X L (mm);
2. Max Dissipation Factor (tanδ) at 120Hz, 20°C;
3. Max Equivalent Series Resistance (ESR) at 120Hz, 20°C, (Ω);
4. Max Permissible Ripple Current (RC) at 120Hz, 85°C, (mA/rms);


Similar Part No. - TCF

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TCF EATON-TCF Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Exxelia Group
TCF EXXELIA-TCF Datasheet
793Kb / 18P
   High Voltage Conformal Coated Leaded Capacitors
revised 02/21
logo
Moxa Inc.
TCF-142 MOXA-TCF-142 Datasheet
1Mb / 5P
   RS-232/422/485 to fiber converters
TCF-142-M-SC MOXA-TCF-142-M-SC Datasheet
1Mb / 5P
   RS-232/422/485 to fiber converters
TCF-142-M-SC-RM MOXA-TCF-142-M-SC-RM Datasheet
560Kb / 3P
   RS-232/422/485 to fiber slide-in modules for the NRack System
More results

Similar Description - TCF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
139CLL VISHAY-139CLL_V01 Datasheet
122Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SEK CDE-SEK_18 Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
logo
Vishay Siliconix
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
logo
Cornell Dubilier Electr...
MLP CDE-MLP_18 Datasheet
495Kb / 6P
   Ultra Long Life, Aluminum Electrolytic
500C CDE-500C Datasheet
591Kb / 12P
   Long-Life, Screw Terminal, Aluminum Electrolytic
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SXR121M6R3ST CDE-SXR121M6R3ST Datasheet
355Kb / 4P
   105 쨘C Long Life Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com