Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JP506S Datasheet(PDF) 1 Page - Anaren Microwave

Part # JP506S
Description  Pico Xinger 6dB Directional Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

JP506S Datasheet(HTML) 1 Page - Anaren Microwave

  JP506S Datasheet HTML 1Page - Anaren Microwave JP506S Datasheet HTML 2Page - Anaren Microwave JP506S Datasheet HTML 3Page - Anaren Microwave JP506S Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model JP506S
Rev. A
t
Pico Xinger
6dB Directional Coupler
Description
The JP506S is a low profile 6dB directional coupler in an easy to use
surface mount package covering the WCDMA and other 3G applications.
The JP506S is ideal for inline split/combine amplifiers, for power injection,
and can be used in most high power designs. Parts have been subjected to
rigorous qualification testing and units are 100% tested.
They are
manufactured using materials with x and y thermal expansion coefficients
compatible with common substrates such as FR4, G-10 and polyimide.
ELECTRICAL SPECIFICATIONS**
Frequency
Mean
Coupling
Insertion
Loss
VSWR
Freq.
Sensitivity
GHz
dB
dB Max
Max : 1
dB Max
1.805 – 1.880
6.2 ± 0.5
0.30
1.22
±0.20
1.93 – 1.99
6.0 ± 0.5
0.30
1.22
±0.20
2.0 – 2.3
6.0 ± 0.5
0.30
1.22
±0.20
Directivity
Power
Handling
Θ
Θ
Θ
ΘJC
Operating
Temp.
dB Min
Watts
ºC / Watt
ºC
18
20
35.2
-55 to +85
18
20
35.2
-55 to +85
Features:
2.0 - 2.3GHz
Low loss
High Directivity
Surface Mountable
Tape And Reel
Convenient Package
100% Tested
Lead Free
20
20
35.2
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit
boards with 50
Ω nominal impedance. Specifications subject to change without notice.
Outline Drawing
JP506S Mechanical Outline
Dimensions are in Inches [Millimeters]
.250±.010
[6.35±0.25]
.200±.010
[5.08±0.25]
.036±.004
[0.91±0.10]
Top View (Near-side)
Side View
Bottom View (Far-side)
Pin 4
Pin 1
Pin 2
Pin 3
Pin 1
Pin 4
Pin 3
Pin 2
GND
4X .020±.004
[0.51±0.10]
4X .034±.004 SQ
[0.86±0.10]
.170±.004
[4.32±0.10]
.120±.004
[3.05±0.10]
Tolerances are Non-Cumulative
Denotes
Array Number
GND
Part is Symmetric About All Axis


Similar Part No. - JP506S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
JP506 ANAREN-JP506 Datasheet
309Kb / 4P
   Pico Xinger 6dB Directional Coupler
More results

Similar Description - JP506S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
JP506 ANAREN-JP506 Datasheet
309Kb / 4P
   Pico Xinger 6dB Directional Coupler
1P610 ANAREN-1P610 Datasheet
161Kb / 4P
   Pico Xinger 10dB Directional Coupler
1P520 ANAREN-1P520 Datasheet
145Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S_14 Datasheet
505Kb / 5P
   Pico Xinger 20dB Directional Coupler
1P510 ANAREN-1P510 Datasheet
400Kb / 4P
   PICO XINGER 10dB DIRECTIONAL COUPLER
1P620S ANAREN-1P620S Datasheet
514Kb / 4P
   Pico Xinger 20dB Directional Coupler
JP520S ANAREN-JP520S Datasheet
502Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P620 ANAREN-1P620_10 Datasheet
333Kb / 10P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S Datasheet
503Kb / 4P
   Pico Xinger 20dB Directional Coupler
1P620 ANAREN-1P620 Datasheet
163Kb / 4P
   Pico Xinger 20dB Directional Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com