Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2100L-20P Datasheet(PDF) 1 Page - Anaren Microwave

Part # XC2100L-20P
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100L-20P Datasheet(HTML) 1 Page - Anaren Microwave

  XC2100L-20P Datasheet HTML 1Page - Anaren Microwave XC2100L-20P Datasheet HTML 2Page - Anaren Microwave XC2100L-20P Datasheet HTML 3Page - Anaren Microwave XC2100L-20P Datasheet HTML 4Page - Anaren Microwave XC2100L-20P Datasheet HTML 5Page - Anaren Microwave XC2100L-20P Datasheet HTML 6Page - Anaren Microwave XC2100L-20P Datasheet HTML 7Page - Anaren Microwave XC2100L-20P Datasheet HTML 8Page - Anaren Microwave XC2100L-20P Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC0450A-03
Rev B
Hybrid Coupler
3 dB, 90
°
Description
The XC0450A-03 is a low profile, high performance 3dB hybrid coupler
in a new easy to use, manufacturing friendly surface mount package. It is
designed for NMT band applications. The XC0450A-03 is designed
particularly for balanced power and low noise amplifiers, plus signal
distribution and other applications where low insertion loss and tight
amplitude and phase balance is required. It can be used in high power
applications up to 45 Watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion (CTE)
compatible with common substrates such as FR4, G-10, RF-35, RO4350,
and polyimide. Available in both 5 of 6 tin lead (XC0450A-03P) and 6 of 6
RoHS compliant tin immersion (XC0450A-03S).
Electrical Specifications
**
Frequency
Isolation
Insertion
Loss
VSWR
Amplitude
Balance
MHz
dB Min
dB Max
Max : 1
dB Max
410-480
23
0.36
1.22
± 0.15
Phase
Balance
Power
ΘJC
Operating
Temp.
Degrees
Avg. CW Watts
ºC/Watt
ºC
90 ± 3.5
45
27
-55 to +95
Features:
• 410 – 480 MHz
• NMT
• Very Low Loss
• Tight Amplitude Balance
• High Isolation
• Production Friendly
• Tape and Reel
• Available in Lead-Free (as
illustrated) or Tin-Lead
• Reliable, FIT= 0.53
**Specification based on performance of unit properly installed on Anaren Test Board 58481-0001 with small
signal applied. Specifications subject to change without notice. Refer to parameter definitions for details.
Mechanical Outline
.072±.014
[1.82±0.37]
Denotes
Array Number
4X .040±.004
[1.02±0.10]
4X .059±.004 SQ
[1.50±0.10]
.430±.004
[10.92±0.10]
.220±.004
[5.59±0.10]
GND
Pin 1
Pin 2
Pin 3
Pin 4
Pin 2
Pin 4
Pin 3
.560±.010
[14.22±0.25]
.350±.010
[8.89±0.25]
Orientation
Marker Denotes
Pin 1
4X .040±.004
[1.02±0.10]
Pin 1
GND
Dimensions are in Inches [Millimeters]
XC0450A-03* Mechanical Outline
* For RoHS compliant versions order with S suffix
Tolerances are non-cumulative


Similar Part No. - XC2100L-20P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2100L-20P ANAREN-XC2100L-20P Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC2100L-20P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com