Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C3302GAC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # C0603C3302GAC
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C0603C3302GAC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  C0603C3302GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C0603C3302GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
Y5V Temperature Coefficient
Cap
Catalog Part Number 0603 Size Code
Cap
Catalog Part Number 1206 Size Code
50 Vdc
100 Vdc
200 Vdc
50 Vdc
100 Vdc
200 Vdc
22000 pF C0603C223*8VAC C0603C223*4VAC C0603C223*3VAC
.22 uF
C1206C224*8VAC C1206C224*4VAC C1206C224*3VAC
27000 pF C0603C273*8VAC C0603C273*4VAC C0603C273*3VAC
.33 uF
C1206C334*8VAC C1206C334*4VAC C1206C334*3VAC
33000 pF C0603C333*8VAC C0603C333*4VAC C0603C333*3VAC
.47 uF
C1206C474*8VAC C1206C474*4VAC C1206C474*3VAC
39000 pF C0603C393*8VAC C0603C393*4VAC C0603C393*3VAC
.68 uF
C1206C684*8VAC C1206C684*4VAC C1206C684*3VAC
47000 pF C0603C473*8VAC C0603C473*4VAC C0603C473*3VAC
1.0 uF
C1206C105*8VAC C1206C105*4VAC C1206C105*3VAC
56000 pF C0603C563*8VAC C0603C563*4VAC C0603C563*3VAC
2.2 uF
C1206C225*8VAC C1206C225*4VAC
68000 pF C0603C683*8VAC C0603C683*4VAC C0603C683*3VAC
82000 pF C0603C823*8VAC C0603C823*4VAC C0603C823*3VAC
.1 uF C0603C104*8VAC C0603C104*4VAC C0603C104*3VAC
.15 uF C0603C154*8VAC C0603C154*4VAC C0603C154*3VAC
.22 uF C0603C224*8VAC C0603C224*4VAC C0603C224*3VAC
Y5V Temperature Coefficient
Cap
Catalog Part Number 0805 Size Code
Cap
Part Number 1210 Size Code
10 Vdc
16 Vdc
25 Vdc
50 Vdc
10 Vdc
16 Vdc
22000 pF C0805C223*8VAC C0805C223*4VAC C0805C223*3VAC C0805C223*5VAC
.22 uF C1210C224*8VAC C1210C224*4VAC
27000 pF C0805C273*8VAC C0805C273*4VAC C0805C273*3VAC C0805C273*5VAC
.33 uF C1210C334*8VAC C1210C334*4VAC
33000 pF C0805C333*8VAC C0805C333*4VAC C0805C333*3VAC C0805C333*5VAC
.47 uF C1210C474*8VAC C1210C474*4VAC
39000 pF C0805C393*8VAC C0805C393*4VAC C0805C393*3VAC C0805C393*5VAC
.68 uF C1210C684*8VAC C1210C684*4VAC
47000 pF C0805C473*8VAC C0805C473*4VAC C0805C473*3VAC C0805C473*5VAC
1.0 uF C1210C105*8VAC C1210C105*4VAC
56000 pF C0805C563*8VAC C0805C563*4VAC C0805C563*3VAC C0805C563*5VAC
2.2 uF C1210C225*8VAC C1210C225*4VAC
68000 pF C0805C683*8VAC C0805C683*4VAC C0805C683*3VAC C0805C683*5VAC
3.7 uF C1210C375*8VAC C1210C375*4VAC
82000 pF C0805C823*8VAC C0805C823*4VAC C0805C823*3VAC C0805C823*5VAC
4.7 uF C1210C475*8VAC C1210C475*4VAC
.1 uF C0805C104*8VAC C0805C104*4VAC C0805C104*3VAC C0805C104*5VAC
.15 uF C0805C154*8VAC C0805C154*4VAC C0805C154*3VAC
.22 uF C0805C224*8VAC C0805C224*4VAC C0805C224*3VAC
.33 uF C0805C334*8VAC C0805C334*4VAC C0805C334*3VAC
.47 uF C0805C474*8VAC C0805C474*4VAC C0805C474*3VAC
.68 uF C0805C684*8VAC C0805C684*4VAC C0805C684*3VAC
1.0 uF C0805C105*8VAC C0805C105*4VAC C0805C105*3VAC
50 volt units can be used for 63 volt applications
* Insert proper letter code for desired tolerance:
±20% (M) is standard
Z = +80% –0%
All Y5V units are supplied 4,000 pcs per reel
RoHS Compliant


Similar Part No. - C0603C3302GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C330D5GAC KEMET-C0603C330D5GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0603C330F1GACTU KEMET-C0603C330F1GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 33 pF, 1%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C330F5GACTU KEMET-C0603C330F5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-1% Tol, 50 V, C0G, 0603 (1608 metric)
C0603C330G5GACTU KEMET-C0603C330G5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 33 pF, 2%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C330G8HACTU KEMET-C0603C330G8HACTU Datasheet
484Kb / 4P
   SMD Comm X8R HT150C, Ceramic, 33 pF, 2%, 10 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, 0603
More results

Similar Description - C0603C3302GAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com