Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2500L-20P Datasheet(PDF) 11 Page - Anaren Microwave

Part # XC2500L-20P
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2500L-20P Datasheet(HTML) 11 Page - Anaren Microwave

Back Button XC2500L-20P Datasheet HTML 7Page - Anaren Microwave XC2500L-20P Datasheet HTML 8Page - Anaren Microwave XC2500L-20P Datasheet HTML 9Page - Anaren Microwave XC2500L-20P Datasheet HTML 10Page - Anaren Microwave XC2500L-20P Datasheet HTML 11Page - Anaren Microwave XC2500L-20P Datasheet HTML 12Page - Anaren Microwave XC2500L-20P Datasheet HTML 13Page - Anaren Microwave XC2500L-20P Datasheet HTML 14Page - Anaren Microwave XC2500L-20P Datasheet HTML 15Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC0450A-03
Rev B
Power Handling
The average power handling (total input power) of a Xinger coupler is a function of:
Internal circuit temperature.
Unit mounting interface temperature.
Unit thermal resistance
Power dissipated within the unit.
All thermal calculations are based on the following assumptions:
The unit has reached a steady state operating condition.
Maximum mounting interface temperature is 95
oC.
Conduction Heat Transfer through the mounting interface.
No Convection Heat Transfer.
No Radiation Heat Transfer.
The material properties are constant over the operating temperature range.
Finite element simulations are made for each unit. The simulation results are used to calculate the unit thermal
resistance. The finite element simulation requires the following inputs:
Unit material stack-up.
Material properties.
Circuit geometry.
Mounting interface temperature.
Thermal load (dissipated power).
The classical definition for dissipated power is temperature delta (
ΔT) divided by thermal resistance (R). The
dissipated power (Pdis) can also be calculated as a function of the total input power (Pin) and the thermal insertion loss
(ILtherm):
)
(
10
1
10
W
P
R
T
P
therm
IL
in
dis
⎟⎟
⎜⎜
=
Δ
=
(1)
Power flow and nomenclature for an “X” style coupler is shown in Figure 1.


Similar Part No. - XC2500L-20P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2500L-20P ANAREN-XC2500L-20P Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC2500L-20P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com