Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C3902GAC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # C0603C3902GAC
Description  Multilayer Ceramic Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C0603C3902GAC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  C0603C3902GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C0603C3902GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
COG (NPO) Temperature Coefficient
Cap
Catalog Part Number 1210 Size Code
Cap
Catalog Part Number 1210 Size Code
50 Vdc
100 Vdc
200 Vdc
50 Vdc
100 Vdc
200 Vdc
10 pF C1210C100*5GAC C1210C100*1GAC C1210C100*2GAC
390 pF
C1210C391*5GAC
C1210C391*1GAC
C1210C391*2GAC
12 pF C1210C120*5GAC C1210C120*1GAC C1210C120*2GAC
470 pF
C1210C471*5GAC
C1210C471*1GAC
C1210C471*2GAC
15 pF C1210C150*5GAC C1210C150*1GAC C1210C150*2GAC
560 pF
C1210C561*5GAC
C1210C561*1GAC
C1210C561*2GAC
18 pF C1210C180*5GAC C1210C180*1GAC C1210C180*2GAC
680 pF
C1210C681*5GAC
C1210C681*1GAC
C1210C681*2GAC
22 pF C1210C220*5GAC C1210C220*1GAC C1210C220*2GAC
820 pF
C1210C821*5GAC
C1210C821*1GAC
C1210C821*2GAC
27 pF C1210C270*5GAC C1210C270*1GAC C1210C270*2GAC
1000 pF
C1210C102*5GAC
C1210C102*1GAC
C1210C102*2GAC
33 pF C1210C330*5GAC C1210C330*1GAC C1210C330*2GAC
1200 pF
C1210C122*5GAC
C1210C122*1GAC
C1210C122*2GAC
39 pF C1210C390*5GAC C1210C390*1GAC C1210C390*2GAC
1500 pF
C1210C152*5GAC
C1210C152*1GAC
C1210C152*2GAC
47 pF C1210C470*5GAC C1210C470*1GAC C1210C470*2GAC
1800 pF
C1210C182*5GAC
C1210C182*1GAC
C1210C182*2GAC
56 pF C1210C560*5GAC C1210C560*1GAC C1210C560*2GAC
2200 pF
C1210C222*5GAC
C1210C222*1GAC
C1210C222*2GAC ^
68 pF C1210C680*5GAC C1210C680*1GAC C1210C680*2GAC
2700 pF
C1210C272*5GAC
C1210C272*1GAC
C1210C272*2GAC ^
82 pF C1210C820*5GAC C1210C820*1GAC C1210C820*2GAC
3300 pF
C1210C332*5GAC
C1210C332*1GAC
C1210C332*2GAC ^
100 pF C1210C101*5GAC C1210C101*1GAC C1210C101*2GAC
3900 pF
C1210C392*5GAC
C1210C392*1GAC ^
120 pF C1210C121*5GAC C1210C121*1GAC C1210C121*2GAC
4700 pF C1210C472*5GAC ^ C1210C472*1GAC ^
150 pF C1210C151*5GAC C1210C151*1GAC C1210C151*2GAC
5600 pF C1210C562*5GAC ^ C1210C562*1GAC ^
180 pF C1210C181*5GAC C1210C181*1GAC C1210C181*2GAC
6800 pF C1210C682*5GAC ^ C1210C682*1GAC ^
220 pF C1210C221*5GAC C1210C221*1GAC C1210C221*2GAC
8200 pF C1210C822*5GAC ^
270 pF C1210C271*5GAC C1210C271*1GAC C1210C271*2GAC
10000 pF C1210C103*5GAC ^
X7R Temperature Coefficient
Cap
Catalog Part Number 0402 Size Code
10 Vdc
16 Vdc
25 Vdc
50 Vdc
150 pF C0402C151*8RAC# C0402C151*4RAC# C0402C151*3RAC# C0402C151*5RAC#
180 pF C0402C181*8RAC# C0402C181*4RAC# C0402C181*3RAC# C0402C181*5RAC#
220 pF C0402C221*8RAC# C0402C221*4RAC# C0402C221*3RAC# C0402C221*5RAC#
270 pF C0402C271*8RAC# C0402C271*4RAC# C0402C271*3RAC# C0402C271*5RAC#
330 pF C0402C331*8RAC# C0402C331*4RAC# C0402C331*3RAC# C0402C331*5RAC#
390 pF C0402C391*8RAC# C0402C391*4RAC# C0402C391*3RAC# C0402C391*5RAC#
470 pF C0402C471*8RAC# C0402C471*4RAC# C0402C471*3RAC# C0402C471*5RAC#
560 pF C0402C561*8RAC# C0402C561*4RAC# C0402C561*3RAC# C0402C561*5RAC#
680 pF C0402C681*8RAC# C0402C681*4RAC# C0402C681*3RAC# C0402C681*5RAC#
820 pF C0402C821*8RAC# C0402C821*4RAC# C0402C821*3RAC# C0402C821*5RAC#
1000 pF C0402C102*8RAC# C0402C102*4RAC# C0602C102*3RAC# C0602C102*5RAC#
1200 pF C0402C122*8RAC# C0402C122*4RAC# C0402C122*3RAC# C0402C122*5RAC#
1500 pF C0402C152*8RAC# C0402C152*4RAC# C0402C152*3RAC# C0402C152*5RAC#
1800 pF C0402C182*8RAC# C0402C182*4RAC# C0402C182*3RAC#
2200 pF C0402C222*8RAC# C0402C222*4RAC# C0402C222*3RAC#
2700 pF C0402C272*8RAC# C0402C272*4RAC# C0402C272*3RAC#
3300 pF C0402C332*8RAC# C0402C332*4RAC# C0402C332*3RAC#
3900 pF C0402C392*8RAC# C0402C392*4RAC# C0402C392*3RAC#
4700 pF C0402C472*8RAC# C0402C472*4RAC# C0402C472*3RAC#
* Insert proper letter code for desired tolerance:
±0.25 pF (C) is standard on values less than 10 pF
±5% (J) is standard on values ≥ 10 pF
Other Available tolerances:
Values less than 27 pF:
C = ±0.25 pF, D = ±0.5 pF
Values greater than 10 pF:
F = ±1%; G = ±2%;
H = ±2.5%
J = ±5%; K = ±10%; M = ±20%
^ Parts with caret (^) following catalog number are
2.500 pcs per reel
# Parts with (#) following catalog number are 10,000
pieces per reel.
All others are 4,000 pcs per reel
RoHS Compliant


Similar Part No. - C0603C3902GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C390F1GACTU KEMET-C0603C390F1GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 39 pF, 1%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C390F5GACTU KEMET-C0603C390F5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 39 pF, 1%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C390J1GACTU KEMET-C0603C390J1GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 39 pF, 5%, 100 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603C390J5GACAUTO KEMET-C0603C390J5GACAUTO Datasheet
61Kb / 1P
   SMD Auto C0G, Ceramic, 39 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C390J5GACTU KEMET-C0603C390J5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 39 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0603C3902GAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com