Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170333M630FC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 170333M630FC
Description  High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

170333M630FC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  170333M630FC Datasheet HTML 1Page - List of Unclassifed Manufacturers 170333M630FC Datasheet HTML 2Page - List of Unclassifed Manufacturers 170333M630FC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 170 Axial Leaded Metallized Polypropylene
Tape and Reel Specifications
L Max
Lead Spacing
Distance Between
Class
(Body Length)
Reel Flanges
Inches
mm
Inches
mm
Inches
mm
≤.433
≤11
2.06
52.4
3.0
75
1
.551 - .808 14 - 20.5
2.50
63.6
3.4
86
2
≥1.03
≥26
2.87
73.0
3.7
95
3
Λ
Add class number (1, 2 or 3) to Catalog Part Number to indicate tape and
reel
Diameter
Inches
mm
Quantity per Reel
0.197
5
3,000
.236 thru .256
6.0 thru 6.5
1,200
0.276
7
1,100
.315 thru .346
8 thru 8.5
800
.354 thru .413
9 thru 10.5
500
.433 thru .512
11 thru 13
300
.551 thru .571
14 thru 14.5
200
>0.571
14.5
Not available
Ratings
Inches (mm)
ESR
(mΩ)
20 kHz
to
IRMS (Amps)
Inches (mm)
ESR
(mΩ)
20 kHz
to
IRMS (Amps)
Cap
Catalog
Cap
Catalog
(µF)
Part Number
D Max
L Max
100
kHz 25 ºC 45 ºC 85 ºC
(µF)
Part Number
D Max
L Max
100
kHz 25 ºC 45 ºC 85 ºC
160 Vdc / 90 Vac 60 Hz
250 Vdc / 200 Vac 60 Hz
0.022
170223*160AA^
0.197 (5.0) 0.433 (11.0) 0.02 (0.5)
Not applicable. These
capacitance values are
not customarily used in
switched-mode power
supplies.
0.01
170103*250AA^
0.197 (5.0)
0.433 (11.0)
0.02 (0.5)
0.022
170223*160BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
0.01
170103*250BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
Not applicable. These
capacitance values are
not customarily used in
switched-mode power
supplies.
0.027
170273*160AA^
0.197 (5.0) 0.433 (11.0) 0.02 (0.5)
0.012 170123*250AA^
0.197 (5.0)
0.433 (11.0)
0.02 (0.5)
0.027
170273*160BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
0.012 170123*250BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
0.033
170333*160AA^
0.197 (5.0) 0.433 (11.0) 0.02 (0.5)
0.015 170153*250AA^
0.197 (5.0)
0.433 (11.0)
0.02 (0.5)
0.033
170333*160BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
0.015 170153*250BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
0.039
170393*160AA^
0.197 (5.0) 0.433 (11.0) 0.02 (0.5)
0.018 170183*250BB^
0.236 (6.0)
0.65 (16.5)
0.024 (0.6)
0.039
170393*160BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
0.022 170223*250BB^
0.236 (6.0)
0.65 (16.5)
0.024 (0.6)
0.047
170473*160AA^
0.197 (5.0) 0.433 (11.0) 0.02 (0.5)
0.027 170273*250BB^
0.236 (6.0)
0.65 (16.5)
0.024 (0.6)
0.047
170473*160BB^
0.236 (6.0)
0.65 (16.5)
0.02 (0.5)
0.033 170333*250BB^
0.236 (6.0)
0.65 (16.5)
0.024 (0.6)
0.056
170563*160BB^
0.236 (6.0)
0.65 (16.5) 0.024 (0.6)
0.039 170393*250CB^
0.256 (6.5)
0.65 (16.5)
0.024 (0.6)
0.068
170683*160BB^
0.236 (6.0)
0.65 (16.5) 0.024 (0.6)
0.047 170473*250CB^
0.256 (6.5)
0.65 (16.5)
0.024 (0.6)
0.082
170823*160BB^
0.236 (6.0)
0.65 (16.5) 0.024 (0.6)
0.056 170563*250EB^
0.315 (8.0)
0.65 (16.5)
0.031 (0.8)
0.1
170104*160BB^
0.236 (6.0)
0.65 (16.5) 0.024 (0.6)
0.068 170683*250EB^
0.315 (8.0)
0.65 (16.5)
0.031 (0.8)
0.12
170124*160DB^
0.276 (7.0)
0.65 (16.5) 0.024 (0.6)
0.082 170823*250FB^
0.335 (8.5)
0.65 (16.5)
0.031 (0.8)
0.15
170154*160DB^
0.276 (7.0)
0.65 (16.5) 0.024 (0.6)
0.1
170104*250FB^
0.335 (8.5)
0.65 (16.5)
0.031 (0.8)
0.18
170184*160EB^
0.315 (8.0)
0.65 (16.5) 0.031 (0.8)
0.12
170124*250FC^
0.335 (8.5)
0.807 (20.5)
0.031 (0.8)
0.22
170224*160EB^
0.315 (8.0)
0.65 (16.5) 0.031 (0.8)
0.15
170154*250FC^
0.335 (8.5)
0.807 (20.5)
0.031 (0.8)
0.27
170274*160EC^
0.315 (8.0) 0.807 (20.5) 0.031 (0.8)
0.18
170184*250HC^
0.374 (9.5)
0.807 (20.5)
0.031 (0.8)
0.33
170334*160EC^
0.315 (8.0) 0.807 (20.5) 0.031 (0.8)
0.22
170224*250HC^
0.374 (9.5)
0.807 (20.5)
0.031 (0.8)
0.39
170394*160HC^
0.374 (9.5) 0.807 (20.5) 0.031 (0.8)
0.27
170274*250GE^
0.354 (9.0)
1.102 (28)
0.031 (0.8)
0.47
170474*160HC^
0.374 (9.5) 0.807 (20.5) 0.031 (0.8)
37
8.7 3.1
1.4
0.33
170334*250GE^
0.354 (9.0)
1.102 (28)
0.031 (0.8)
0.56
170564*160GE^
0.354 (9.0)
1.102 (28)
0.031 (0.8)
35
3.9 3.3
1.5
0.39
170394*250JE^
0.413 (10.5)
1.102 (28)
0.031 (0.8)
0.68
170684*160GE^
0.354 (9.0)
1.102 (28)
0.031 (0.8)
33
4.1 3.5
1.6
0.47
170474*250JE^
0.413 (10.5)
1.102 (28)
0.031 (0.8)
35
3.8
3.6
1.7
0.82
170824*160JE^
0.413 (10.5) 1.102 (28)
0.031 (0.8)
31
4.3 3.6
1.7
0.56
170564*250ME^
0.472 (12.0)
1.102 (28)
0.031 (0.8)
33
3.9
3.7
1.8
1
170105*160JE^
0.413 (10.5) 1.102 (28)
0.031 (0.8)
26
5.5 4.7
2.6
0.68
170684*250ME^
0.472 (12.0)
1.102 (28)
0.031 (0.8)
32
4
3.8
1.9
1.5
170155*160ME^ 0.472 (12.0) 1.102 (28)
0.031 (0.8)
20
6.1 5.1
3.1
0.82
170824*250NF^
0.512 (13.0)
1.299 (33)
0.031 (0.8)
31
4.2
4
2
2.2
170225*160PF^
0.531 (13.5) 1.299 (33) 0.031 (0.8)
18
6.8 5.7
3.3
1
170105*250NF^
0.512 (13.0)
1.299 (33)
0.031 (0.8)
28
4.4
4.4
3.2
3.3
170335*160TF^
0.610 (15.5) 1.299 (33) 0.039 (1.0)
16
7.4 6.4
3.6
1.5
170155*250TF^
0.610 (15.5)
1.299 (33)
0.031 (0.8)
26
5.1
4.9
3.5
4.7
170475*160XF^
0.709 (18.0) 1.299 (33) 0.039 (1.0)
15
8.1 6.8
3.9
2.2
170225*250XF^
0.709 (18.0)
1.299 (33)
0.039 (1.0)
20
8.4
7
4.1
* Indicates capacitance tolerance
^If ordering tape and reel, insert 1,2, or 3.
3.3
170335*250ZF^
0.827 (21.0)
1.299 (33)
0.039 (1.0)
18
9
7.8
4.5
J = ±5%, K = ±10%, M = ±20%
See tape & reel specifications to determine which class applies.
Part Number highlighted in yellow, available until stock is depleted.
Ød
Ød
Replacement Part No. with "BB" case size.


Similar Part No. - 170333M630FC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
170333J160AA1 CDE-170333J160AA1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
170333J160BB1 CDE-170333J160BB1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
170333J250BB1 CDE-170333J250BB1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
170333J400DB1 CDE-170333J400DB1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
170333J630FC1 CDE-170333J630FC1 Datasheet
409Kb / 3P
   Type 170 Axial Leaded Metallized Polypropylene
More results

Similar Description - 170333M630FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15015463AA ETC2-15015463AA Datasheet
172Kb / 4P
   Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
   105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Vishay Siliconix
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
logo
Surge Components
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SMPT SURGE-SMPT Datasheet
165Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com