Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALO20F48N Datasheet(PDF) 11 Page - Astec America, Inc

Part # ALO20F48N
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO20F48N Datasheet(HTML) 11 Page - Astec America, Inc

Back Button ALO20F48N Datasheet HTML 7Page - Astec America, Inc ALO20F48N Datasheet HTML 8Page - Astec America, Inc ALO20F48N Datasheet HTML 9Page - Astec America, Inc ALO20F48N Datasheet HTML 10Page - Astec America, Inc ALO20F48N Datasheet HTML 11Page - Astec America, Inc ALO20F48N Datasheet HTML 12Page - Astec America, Inc ALO20F48N Datasheet HTML 13Page - Astec America, Inc ALO20F48N Datasheet HTML 14Page - Astec America, Inc ALO20F48N Datasheet HTML 15Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 11 OF 26
AUGUST 25, 2005 - REVISION G
Performance Curves
5V @ 12A
Figure 15. 5VOUT Startup Characteristic at VIN = 48Vdc,
IO = Full Load, TA = 25°C.
Figure 16. 5VOUT Ripple Waveform at VIN = 48Vdc,
IO = Full Load, TA = 25°C.
Figure 14. Power Dissipation vs. Load Current at
IO = Full Load, TA = 25°C (ambient temperature).
Figure 13. Efficiency vs. Load Current at IO = Full
Load, TA = 25°C (ambient temperature).
Efficiency vs. Output Current, T
A=25°C
55%
60%
65%
70%
75%
80%
85%
90%
95%
024
68
10
12
Output Current [A]
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
Pow er Dissipation vs. Output Current, T
A=25°C
0
1
2
3
4
5
6
02
4
6
8
10
12
Output Current [A]
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc


Similar Part No. - ALO20F48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO20F48N ASTEC-ALO20F48N Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Emerson Network Power
ALO20F48N EMERSON-NETWORKPOWER-ALO20F48N Datasheet
1Mb / 4P
   66/120 Watts
logo
Astec America, Inc
ALO20F48N-6 ASTEC-ALO20F48N-6 Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
logo
Emerson Network Power
ALO20F48N-6 EMERSON-NETWORKPOWER-ALO20F48N-6 Datasheet
1Mb / 4P
   66/120 Watts
ALO20F48N-6L EMERSON-NETWORKPOWER-ALO20F48N-6L Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - ALO20F48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com