Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C924U016DG2D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 101C924U016DG2D
Description  Low-ESR, Wide-Temperature Grade
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

101C924U016DG2D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  101C924U016DG2D Datasheet HTML 1Page - List of Unclassifed Manufacturers 101C924U016DG2D Datasheet HTML 2Page - List of Unclassifed Manufacturers 101C924U016DG2D Datasheet HTML 3Page - List of Unclassifed Manufacturers 101C924U016DG2D Datasheet HTML 4Page - List of Unclassifed Manufacturers 101C924U016DG2D Datasheet HTML 5Page - List of Unclassifed Manufacturers 101C924U016DG2D Datasheet HTML 6Page - List of Unclassifed Manufacturers 101C924U016DG2D Datasheet HTML 7Page - List of Unclassifed Manufacturers 101C924U016DG2D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
Uninsulated Case Dimensions
For insulated case, add 0.024”(0.610 mm) to “D”and 0.030”(0.762 mm) to height.
Part Numbering System
Standard insulation is 0.008-in PVC sleeve with 0.01-in polypropylene end disk.
Typical Performance Curves
Type
Capacitance
Tolerance
Voltage
Case Code Insulation
Terminal
Can Style
101C
183
T
250
DG
2
D
S
100 = 10 µF
101 = 100 µF
183 = 18,000 µF
Blank=
Standard
Can
S= Stud
Bottom
P= Stud
with
Thermal
Pad
M = ±20%
U = –10%+75%
T = –10%+50%
7R5 = 7.5 Vdc
063 = 63 Vdc
100 = 100 Vdc
0= None
1= Polyester
2= PVC
A = Low Post
B = High Post
D = High Current
Diam. (D)
Length (L)
Terminals (S)
Case
±.031
±.78
±.062
±1.57
±0.015
±.38
Typical Weight
Code Inches
mm
Inches
mm
Inches
mm
oz
g
AK
1.375
34.93
1.625
41.28
0.50
12.70
1.9
54
AA
1.375
34.93
2.125
53.98
0.50
12.70
2.0
57
AH
1.375
34.93
2.625
66.68
0.50
12.70
2.7
77
AB
1.375
34.93
3.125
79.38
0.50
12.70
3.3
94
AJ
1.375
34.93
3.625
92.08
0.50
12.70
3.8
108
AC
1.375
34.93
4.125
104.78
0.50
12.70
4.4
125
AD
1.375
34.93
4.625
117.48
0.50
12.70
5.1
145
AE
1.375
34.93
5.125
130.18
0.50
12.70
6.8
193
AF
1.375
34.93
5.625
142.88
0.50
12.70
8.1
230
EA
1.750
44.45
2.125
53.98
0.75
19.05
2.7
76
EH
1.750
44.45
2.625
66.68
0.75
19.05
3.8
108
EB
1.750
44.45
3.125
79.38
0.75
19.05
5.1
145
EJ
1.750
44.45
3.625
92.08
0.75
19.05
6.8
193
EC
1.750
44.45
4.125
104.78
0.75
19.05
8.1
230
ED
1.750
44.45
4.625
117.48
0.75
19.05
9.0
255
EE
1.750
44.45
5.125
130.18
0.75
19.05
9.5
269
EF
1.750
44.45
5.625
142.88
0.75
19.05
10.5
298
BA
2.000
50.80
2.125
53.98
0.75
22.23
5.4
153
BH
2.000
50.80
2.625
66.68
0.75
22.23
6.1
173
BB
2.000
50.80
3.125
79.38
0.75
22.23
6.8
193
BJ
2.000
50.80
3.625
92.08
0.75
22.23
8.2
232
BC
2.000
50.80
4.125
104.78
0.75
22.23
9.5
269
BD
2.000
50.80
4.625
117.48
0.75
22.23
10.3
292
BE
2.000
50.80
5.125
130.18
0.75
22.23
10.7
303
BF
2.000
50.80
5.625
142.88
0.75
22.23
13.0
369
CH
2.500
63.50
2.625
66.68
1.25
28.58
9.2
261
CB
2.500
63.50
3.125
79.38
1.25
28.58
10.4
295
CJ
2.500
63.50
3.625
92.08
1.25
28.58
12.7
361
CC
2.500
63.50
4.125
104.78
1.25
28.58
15.0
425
CD
2.500
63.50
4.625
117.48
1.25
28.58
17.2
488
CE
2.500
63.50
5.125
130.18
1.25
28.58
19.3
547
CF
2.500
63.50
5.625
142.88
1.25
28.58
21.4
607
DB
3.000
76.20
3.125
79.38
1.25
31.75
16.7
473
DJ
3.000
76.20
3.625
92.08
1.25
31.75
20.0
567
DC
3.000
76.20
4.125
104.78
1.25
31.75
22.2
629
DD
3.000
76.20
4.625
117.48
1.25
31.75
25.5
723
DE
3.000
76.20
5.125
130.18
1.25
31.75
30.0
850
DF
3.000
76.20
5.625
142.88
1.25
31.75
31.9
904
DP
3.000
76.20
5.875
149.23
1.25
31.75
32.8
931
DN
3.000
76.20
7.625
193.68
1.25
31.75
39.5
1119
DG
3.000
76.20
8.625
219.08
1.25
31.75
43.3
1227


Similar Part No. - 101C924U016DG2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C924U016DG2D CDE-101C924U016DG2D Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C924U016DG2D CDE-101C924U016DG2D Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C924U016DG2D

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
193Kb / 12P
   Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
325 CDE-325 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
logo
EUROQUARTZ limited
ZT570 EUROQUARTZ-ZT570 Datasheet
72Kb / 1P
   Wide Temperature/Low Phase Noise
ZT560 EUROQUARTZ-ZT560 Datasheet
73Kb / 1P
   Wide Temperature/Low Phase Noise
logo
List of Unclassifed Man...
DXS-3R6V473U ETC-DXS-3R6V473U Datasheet
222Kb / 1P
   3.6V Miniaturized Low ESR High Temperature Capacitors
2017/2018E
logo
Kemet Corporation
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com