Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF606LG Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TF606LG
Description  6.0A Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TF606LG Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TF606LG Datasheet HTML 1Page - TAITRON Components Incorporated TF606LG Datasheet HTML 2Page - TAITRON Components Incorporated TF606LG Datasheet HTML 3Page - TAITRON Components Incorporated TF606LG Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TF601LG – TF607LG
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
6.0A Glass Passivated
Fast Recovery Rectifier
6.0A Glass Passivated Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed 250°C/10 seconds
/.375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
T6L (R-6), molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
2.1 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TF
601LG
TF
602LG
TF
603LG
TF
604LG
TF
605LG
TF
606LG
TF
607LG
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
6.0
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
400
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
T6L


Similar Part No. - TF606LG

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF606L TAITRON-TF606L Datasheet
132Kb / 4P
   6.0A Fast Recovery Rectifier
More results

Similar Description - TF606LG

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
   6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
FR601G ZSELEC-FR601G Datasheet
87Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG600R ZSELEC-PG600R Datasheet
132Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR6001G ZSELEC-PR6001G Datasheet
133Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
T6A05G TAITRON-T6A05G Datasheet
235Kb / 5P
   6.0A Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
P600AG ZSELEC-P600AG Datasheet
52Kb / 2P
   6.0A GLASS PASSIVATED RECTIFIER
PG600A ZSELEC-PG600A Datasheet
89Kb / 2P
   6.0A GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com