Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

101C164U010AF2B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 101C164U010AF2B
Description  Low-ESR, Wide-Temperature Grade
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

101C164U010AF2B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  101C164U010AF2B Datasheet HTML 1Page - List of Unclassifed Manufacturers 101C164U010AF2B Datasheet HTML 2Page - List of Unclassifed Manufacturers 101C164U010AF2B Datasheet HTML 3Page - List of Unclassifed Manufacturers 101C164U010AF2B Datasheet HTML 4Page - List of Unclassifed Manufacturers 101C164U010AF2B Datasheet HTML 5Page - List of Unclassifed Manufacturers 101C164U010AF2B Datasheet HTML 6Page - List of Unclassifed Manufacturers 101C164U010AF2B Datasheet HTML 7Page - List of Unclassifed Manufacturers 101C164U010AF2B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 101C –55 °C to 105 °C Low-ESR, Wide-Temperature Grade
5,000 hour load life
Ripple Current to > 100 amps @ 55 °C
ESRs to 2.5 m
> 90% capacitance at –40 ºC
Thermal-Pak™ extended cathode construction
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
DCLeakage Current:
Cold Impedence:
Ripple Current Multipliers:
–55 °C to +105 °C
7.5 to 250 Vdc
290 µF to 1.5 F
7.5 to 150 Vdc: –10% +75%, 200 & 250 Vdc: 10 +50%
≤1.5√CV µA (4mA max. 5 minutes)
–55 °C multiple of 25 °C Z ≤ 3
EIA Ripple Life:
Life Test:
Shelf Life:
Vibration:
5,000 h at full load @ 85 °C per EIA IS-749
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
2,000 h at 105 °C and rated voltage
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ 105 °C, Capacitance, ESR and DCL, initial
requirements.
10 to 55 Hz, 0.06” and 10 g max, 1.5 h ea. of 2 axis
45 °C
55 °C
65 °C
75 °C
85 °C
95 ºC
105 ºC
1.66
1.52
1.37
1.20
1.00
0.75
0.36
Ambient Temperature
The Ultimate in Cold Performance and ESR
The Type 101C is the wide-temperature, low voltage version of the
Type 550C. It is ideal for high-ripple current military and industrial
applications that need full performance to –40 ºC and solid perfor-
mance to –55 ºC. It also excels as apower-supply output capacitor
because of its exceptionally low ESR. The extended cathode foil of
the 101C assures heat flow from the capacitor element to the can in
all mounting orientations.
Highlights
10 kHz
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz & up
1 3/8” & 1 3/4” Diameters
7.5 to 150 V
0.91 0.93
1.00
1.06
1.08 1.09
1.09
200 & 250 V
0.82 0.86
1.00
1.14
1.20 1.23
1.23
2” & 2 1/2” Diameters
7.5 to 150 V
0.92 0.94
1.00
1.05
1.07 1.08
1.08
200 & 250 V
0.82 0.86
1.00
1.14
1.20 1.23
1.27
3” Diameters
7.5 to 150 V
0.95 0.96
1.00
1.03
1.04 1.05
1.05
200 & 250 V
0.85 0.88
1.00
1.11
1.15 1.18
1.18
Frequency
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 101C164U010AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
101C164U010AF2B CDE-101C164U010AF2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C164U010AF2B CDE-101C164U010AF2B Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
More results

Similar Description - 101C164U010AF2B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
401C CDE-401C Datasheet
349Kb / 7P
   Low-ESR, Wide Temperature Grade The Ultimate in Cold Performance and ESR
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
193Kb / 12P
   Type 101C ??5 째C to 105 째C Low-ESR, Wide-Temperature Grade
101C283U7R5AK2B CDE-101C283U7R5AK2B Datasheet
349Kb / 9P
   Type 101C -55 째C to 105 째C Low-ESR, Wide-Temperature Grade
325 CDE-325 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
logo
Cornell Dubilier Electr...
325 CDE-325_15 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
logo
EUROQUARTZ limited
ZT570 EUROQUARTZ-ZT570 Datasheet
72Kb / 1P
   Wide Temperature/Low Phase Noise
ZT560 EUROQUARTZ-ZT560 Datasheet
73Kb / 1P
   Wide Temperature/Low Phase Noise
logo
List of Unclassifed Man...
DXS-3R6V473U ETC-DXS-3R6V473U Datasheet
222Kb / 1P
   3.6V Miniaturized Low ESR High Temperature Capacitors
2017/2018E
logo
Kemet Corporation
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com