Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 7001
Description  900 MHz THREE GAIN LEVEL LNA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7001 Datasheet(HTML) 2 Page - STMicroelectronics

  7001 Datasheet HTML 1Page - STMicroelectronics 7001 Datasheet HTML 2Page - STMicroelectronics 7001 Datasheet HTML 3Page - STMicroelectronics 7001 Datasheet HTML 4Page - STMicroelectronics 7001 Datasheet HTML 5Page - STMicroelectronics 7001 Datasheet HTML 6Page - STMicroelectronics 7001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STB7001
2/7
ELECTRICAL SPECIFICATION (Tamb = 25°C, Vcc = 2.8V)
Note(1) : Gp1 min gain, Gp2 mid gain and Gp3 max gain.
Symbol
Parameters
Test Conditions
Min.
Typ.
Max.
Unit
Vcc
Supply voltage
2.7
2.8
2.9
V
Ibias
Bias current
for Gp1
(1)
Gp2
(1)
Gp3
(1)
8
14
10
11.5
17.5
15.0
15.0
22.5
19
mA
Istby
Standby current
20
µA
f
Frequency range
925
960
MHz
Gp1,2,3
Power gain
for Gp1
Gp2
Gp3
-3.0
16.0
24.0
0.0
18.0
26.0
3.0
20.0
28.0
dB
NF1,2,3
Noise figure
for Gp1
Gp2
Gp3
10
3.1
2.5
dB
P1dB1,2,3
Input 1 dB Compr.Power
for Gp1
Gp2
Gp3
-15.0
-19.0
-26.5
dBm
IIP31,2,3
Input Third Order Intercept
for Gp1
Gp2
Gp3
-6.0
-11.0
-20.0
dBm
VSWRi
Input VSWR
1.5:1
VSWRo
Output VSWR
1.5:1
AZout
Zout LNA on/off
15
%
PINOUT
Pin Number
Symbol
Description
Evaluation circuit components
1
RFin
RF input
L2 = 5.1nH, C2 = n/c
2
Gnd
Ground
3
Vcc
Voltage supply
C4 = 8pF, L1 = 110nH, C7 = 10nF, C6 = 4.7uF
4
ARLNA0
Enable for power down
C3 = 10nF
5
RFout
RF output
C9 = 5pf, L3 = 10nH, C10 = 10nF, C11 = 100pF, L4 = 110nH
6
Gnd
Ground
7
GC1
Gain selection
C5 = 10nF
8
GC2
Gain selection
C8 = 10nF
GAIN SELECTI0N
Gp1
Gp2
Gp3
GC1
00
1
GC2
01
1


Similar Part No. - 7001

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7001 BOURNS-7001 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Dow-Key Microwave Corpo...
7001 DOW-KEY-7001 Datasheet
536Kb / 2P
   C-band Crossbar/Fan-Out
logo
List of Unclassifed Man...
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
   RJ11 Modular Plug - 4P4C
7001-8P8C ETC2-7001-8P8C Datasheet
148Kb / 2P
   Modular Plug
7001-8P8C-R ETC2-7001-8P8C-R Datasheet
148Kb / 2P
   Modular Plug
More results

Similar Description - 7001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7002 STMICROELECTRONICS-STB7002 Datasheet
369Kb / 7P
   1.8GHz THREE GAIN LEVEL LNA
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
   Highly Linear LNA/Downconverter 800-900 MHz
logo
BeRex Corporation
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
   50-6000 MHz Wideband LNA Gain Block
BL022 BEREX-BL022 Datasheet
1Mb / 19P
   50-3000 MHz Wideband LNA Gain Block
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
   50-3000 MHz Wideband LNA Gain Block
logo
Infineon Technologies A...
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
   Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
logo
Motorola, Inc
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
   900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI1-LMH6518_14 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com