Selected language     English  ▼


I100N50X4 Datasheet(PDF) 1 Page - Anaren Microwave

Part No. I100N50X4
Description  Flange Mount Termination 100 Watts, 50Ω
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANAREN [Anaren Microwave]
Homepage  http://www.anaren.com
Logo 

   
 1 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model I100N50X4
Features:
• RoHS Compliant
• 100 Watts
• DC – 3.0 GHz
• AlN Ceramic
• Non-Nichrome Resistive
Element
• Low VSWR
100% Tested
Flange Mount Termination
100 Watts, 50
Description
The I100N50X4 is high performance Aluminum Nitride (AlN) flange mount
termination intended as a cost competitive alternative to Beryllium Oxide
(BeO). The termination is well suited to all cellular frequency bands such
as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling
makes the part ideal for terminating circulators, and for use in power
combiners. The termination is also RoHS compliant!
General Specifications
Resistive Element
Thick Film
Substrate
AlN Ceramic
Cover
Alumina Ceramic
Tolerance is ±0.010”, unless otherwise specified. Designed to meet of exceed
applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Resistance Value:
50 Ohms, ± 2%
Power:
100 Watts
Frequency Range:
DC – 3.0GHz
V.S.W.R.
1.25 : 1
Specification based on unit properly installed using suggested mounting instructions
and a 50 ohm nominal impedance. Storage temperature is -20°C to 85 ºC . Operating
temperature is -55ºC to 125ºC (see chart for derating temperatures). Specifications
subject to change with out notice.
Outline Drawing
Note: All dimensions in inches – 1inch = 2.54cm. Lead Length: 0.150in min.
I100N50X4 (097) Rev D.
ROHS
Compliant




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C100N50Z4Surface Mount Termination 100 Watts 50Ω 1 2 Anaren Microwave
G150N50W4AFlange Mount Termination 150 Watts 50Ω 1 2 Anaren Microwave
G150N50W4BFlange Mount Termination 150 Watts 50W 1 2 Anaren Microwave
C16A50Z4Surface Mount Termination 16 Watts 50Ω 1 2 Anaren Microwave
C50A50Z4Surface Mount Termination 50 Watts 50Ω 1 2 Anaren Microwave
C18A50Z4Surface Mount Termination 18 Watts 50Ω 1 2 Anaren Microwave
100200-4Z50-2Surface Mount Termination 10 Watts 50W 1 2 Anaren Microwave
H100NA20X4Flange Attenuator 100 Watts 20 dB 1 2 Anaren Microwave
A20A50X1ASurface mount Termination 20 Watts 50W 1 2 Anaren Microwave
C10N50Z4ASurface Mount Termination 10 Watts 50W 1 2 Anaren Microwave

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl