Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THV310 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # THV310
Description  0.35A High Voltage Rectifier Assembly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

THV310 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  THV310 Datasheet HTML 1Page - TAITRON Components Incorporated THV310 Datasheet HTML 2Page - TAITRON Components Incorporated THV310 Datasheet HTML 3Page - TAITRON Components Incorporated THV310 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.35A High Voltage Rectifier Assembly
Rev. A/AH 2008-02-21
THV308 – THV316
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
Ambient Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Rating
Number of Cycles at 60Hz
Note: Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
THV308
THV310
THV312
THV314
THV315
THV316
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
10.0
12.0
15.0
V
IF=350mA
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
5.0
µA
TJ
Operating Temperature
Range
-40 to +130
° C
TSTG
Storage Temperature
Range
-40 to +130
° C


Similar Part No. - THV310

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV3011 THINE-THV3011 Datasheet
249Kb / 12P
   1ch DC/DC converter
THV3012 THINE-THV3012 Datasheet
205Kb / 12P
   1ch DC/DC converter
THV3056 THINE-THV3056 Datasheet
395Kb / 32P
   3ch Buck/Boost 2ch CP 1ch HVLDO 1ch LVLDO Controller
THV3058 THINE-THV3058 Datasheet
605Kb / 21P
   3CH (Buck/Boost) 2CH CP 1CH HVLDO Controller
THV3543 THINE-THV3543 Datasheet
360Kb / 19P
   2 channel Buck/Boost 2 channel Charge Pump Controller
More results

Similar Description - THV310

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
HVM5 SUNMATE-HVM5 Datasheet
45Kb / 1P
   0.35A Axial Leaded High Voltage Rectifier
logo
Microsemi Corporation
LHV43 MICROSEMI-LHV43 Datasheet
95Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
JHV21 MICROSEMI-JHV21 Datasheet
107Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
PHV6 MICROSEMI-PHV6 Datasheet
97Kb / 2P
   High Voltage Rectifier Assembly
LHV37 MICROSEMI-LHV37_07 Datasheet
106Kb / 2P
   High Voltage Rectifier Assembly
logo
GETAI ELECTRONICS DEVIC...
HVR5510S12 GETEDZ-HVR5510S12_V01 Datasheet
510Kb / 2P
   High Voltage Rectifier Assembly
logo
Microsemi Corporation
JHV34 MICROSEMI-JHV34 Datasheet
108Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
JHV36 MICROSEMI-JHV36 Datasheet
108Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
GETAI ELECTRONICS DEVIC...
HVR5510S10 GETEDZ-HVR5510S10_V01 Datasheet
510Kb / 2P
   High Voltage Rectifier Assembly
HVR5510S08 GETEDZ-HVR5510S08_V01 Datasheet
510Kb / 2P
   High Voltage Rectifier Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com