Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THV510 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # THV510
Description  0.55A High Voltage Rectifier Assembly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

THV510 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  THV510 Datasheet HTML 1Page - TAITRON Components Incorporated THV510 Datasheet HTML 2Page - TAITRON Components Incorporated THV510 Datasheet HTML 3Page - TAITRON Components Incorporated THV510 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-01-09
THV508 – THV516
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
0.55A High Voltage
Rectifier Assembly
0.55A High Voltage Rectifier Assembly
Features
• Controlled avalanche characteristic combined
with the ability to dissipate reverse power
• Low forward voltage drop
• Typical reverse current less than 1μA
• High overload surge capability
• High temperature soldering guaranteed:260°C/10 seconds,
/0.375" (9.5mm) lead length at 5lbs. (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
Reliable low cost construction utilizing molded plastic technique
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208
Polarity:
Color band denotes cathode end
Weight:
2.8 grams
Maximum Ratings and Electrical Characteristics (T
A=25ºC unless noted otherwise)
Symbol
Description
THV508
THV509
THV510
THV512
THV514
THV515
THV516
Unit
Conditions
VRRM
Maximum
Recurrent Peak
Reverse Voltage
8000
9000
10000
12000
14000
15000
16000
V
VRMS
Maximum RMS
Voltage
5600
6300
7000
8400
9800
10500
11200
V
VDC
Maximum DC
Blocking Voltage
8000
9000
10000
12000
14000
15000
16000
V
IF(AV)
Maximum Average
Forward Rectified
Current
550
mA
TA
=55° C
IFSM
Peak Forward
Surge Current
30
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
THV5


Similar Part No. - THV510

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
THV510T TAITRON-THV510T Datasheet
221Kb / 4P
   0.55A High Voltage Rectifier Assembly
More results

Similar Description - THV510

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
THV508T TAITRON-THV508T Datasheet
221Kb / 4P
   0.55A High Voltage Rectifier Assembly
logo
Microsemi Corporation
LHV43 MICROSEMI-LHV43 Datasheet
95Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
JHV21 MICROSEMI-JHV21 Datasheet
107Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
PHV6 MICROSEMI-PHV6 Datasheet
97Kb / 2P
   High Voltage Rectifier Assembly
LHV37 MICROSEMI-LHV37_07 Datasheet
106Kb / 2P
   High Voltage Rectifier Assembly
logo
GETAI ELECTRONICS DEVIC...
HVR5510S12 GETEDZ-HVR5510S12_V01 Datasheet
510Kb / 2P
   High Voltage Rectifier Assembly
logo
Microsemi Corporation
JHV34 MICROSEMI-JHV34 Datasheet
108Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
JHV36 MICROSEMI-JHV36 Datasheet
108Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
GETAI ELECTRONICS DEVIC...
HVR5510S10 GETEDZ-HVR5510S10_V01 Datasheet
510Kb / 2P
   High Voltage Rectifier Assembly
HVR5510S08 GETEDZ-HVR5510S08_V01 Datasheet
510Kb / 2P
   High Voltage Rectifier Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com