Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL02 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # KBL02
Description  4A Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

KBL02 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  KBL02 Datasheet HTML 1Page - TAITRON Components Incorporated KBL02 Datasheet HTML 2Page - TAITRON Components Incorporated KBL02 Datasheet HTML 3Page - TAITRON Components Incorporated KBL02 Datasheet HTML 4Page - TAITRON Components Incorporated KBL02 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A/AH 2008-03-07
www.taitroncomponents.com
Page 2 of 5
4A Bridge Rectifier
TL400 – TL410/KBL005 - KBL10
Fig.2-Max. Non-repetitive Peak Forward Surge
Current per leg
Number of Cycles at 60Hz
Fig.1-Max. Forward Current Derating Curve
Ambient Temperature (°C)
TL400
TL401
TL402
TL404
TL406
TL408
TL410
Symbol
Description
KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
Unit
Conditions
VF
Max. Instantaneous
Forward Voltage drop
per leg
1.1
V
IF=4.0A
5.0
µA
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage per
leg
1.0
mA
TA=125°C
t
Rating for Fusing
(t<8.3ms)
166
A²s
Note 1
RthJA
19
Note 2
RthJL
Typical Thermal
Resistance per leg
2.4
°C / W
Note 3
TJ,
TSTG
Operating Junction
and Storage
Temperature Range
-50 to +150
°C
Note: 1.Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance from junction to ambient with units mounted on 3.0 x 3.0 x 0.11” think
(75 × 75 × 3.0mm) Al. plate.
3. Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375” (9.5mm)
lead length with 0.5 x 0.5” (12 x 12mm) copper pads.
Typical Characteristics Curves


Similar Part No. - KBL02

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBL02 NJSEMI-KBL02 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBL02 SEMTECH-KBL02 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
MIC GROUP RECTIFIERS
KBL02 MIC-KBL02 Datasheet
107Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Digitron Semiconductors
KBL02 DIGITRON-KBL02 Datasheet
164Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBL02 HY-KBL02 Datasheet
391Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBL02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL4-06-BF52-LFR FRONTIER-BL4-06-BF52-LFR Datasheet
121Kb / 2P
   4A BRIDGE RECTIFIER
BL4-005 FRONTIER-BL4-005 Datasheet
121Kb / 2P
   4A BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
   4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
   4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
   4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MSB403E YFWDIODE-MSB403E Datasheet
293Kb / 3P
   4A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com