Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

943C8P22K-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 943C8P22K-F
Description  Very High dV/dt, Oval Polypropylene Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

943C8P22K-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  943C8P22K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 943C8P22K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Oval, Foil/Metallized Hybrid, Axial Leaded
Specifications
Capacitance Range: 0.01 to 2.5 µF
Voltage Range: 600 to 2000 Vdc,
(300 to 500 Vac, 60 Hz)
Capacitance Tolerance: ±10%
Operating Temp. Range: –55°C to 105 °C*
*Full-rated voltage at 85°C, derate linearly to 50% rated voltage at 105°C
Ratings
NOTE: Other capacitance values, sizes and performance specifications are available. Contact us.
Type 943C oval, axial film capacitors utilize a hybrid section design of polypropylene
film, metal foils and metallized polypropylene dielectric to achieve both high peak
current as well as superior rms current ratings. This series is ideal for high pulse
operation and high peak current circuits.
Construction
600 Vdc and Higher
Foil
Polypropylene
Metallized Polypropylene
I
RMS
Catalog
Typical Typical
70 ºC
Cap.
Part Number
T
W
L
d
ESR
ESL
dV/dt I peak 100 kHz
(µF)
Inches(mm) Inches(mm) Inches(mm) Inches(mm) (mΩ)
(nH) (V/ms) (A)
(A)
600 Vdc (300 Vac)
.15
943C6P15K-F
0.483(12.3)
0.669(17.0)
1.339(34.0)
0.040(1.0)
5
19
1427
214
8.9
.22
943C6P22K-F
0.565(14.3)
0.750(19.0)
1.339(34.0)
0.040(1.0)
7
20
1427
314
8.1
.33
943C6P33K-F
0.672(17.1)
0.857(21.8)
1.339(34.0)
0.040(1.0)
6
22
1427
471
9.6
.47
943C6P47K-F
0.785(19.9)
0.970(24.6)
1.339(34.0)
0.040(1.0)
5
23
1427
671
11.4
.68
943C6P68K-F
0.927(23.5)
1.113(28.3)
1.339(34.0)
0.047(1.2)
4
24
1427
970
14.1
1.00 943C6W1K-F
0.758(19.2)
1.128(28.6)
1.811(46.0)
0.047(1.2)
5
28
800
800
13.4
1.50 943C6W1P5K-F
0.926(23.5)
1.296(32.9)
1.811(46.0)
0.047(1.2)
4
30
800
1200
16.6
2.00 943C6W2K-F
0.947(24.0)
1.318(33.5)
2.126(54.0)
0.047(1.2)
3
33
628
1256
20.6
2.20 943C6W2P2K-F
0.993(25.2)
1.364(34.6)
2.126(54.0)
0.047(1.2)
3
34
628
1382
21.1
2.50 943C6W2P5K-F
1.063(27.0)
1.437(36.5)
2.126(54.0)
0.047(1.2)
3
35
628
1570
21.9
850 Vdc (360 Vac)
.15
943C8P15K-F
0.548(13.9)
0.733(18.6)
1.339(34.0)
0.040(1.0)
5
20
1712
257
9.4
.22
943C8P22K-F
0.644(16.4)
0.829(21.0)
1.339(34.0)
0.040(1.0)
7
21
1712
377
8.7
.33
943C8P33K-F
0.769(19.5)
0.954(24.2)
1.339(34.0)
0.040(1.0)
6
23
1712
565
10.3
.47
943C8P47K-F
0.902(22.9)
1.087(27.6)
1.339(34.0)
0.047(1.2)
5
24
1712
805
12.4
.68
943C8P68K-F
1.068(27.1)
1.254(31.8)
1.339(34.0)
0.047(1.2)
4
26
1712 1164
15.3
1.00 943C8W1K-F
0.882(22.4)
1.252(31.8)
1.811(46.0)
0.047(1.2)
5
29
960
960
14.5
1.50 943C8W1P5K-F
0.956(24.3)
1.327(33.7)
2.126(54.0)
0.047(1.2)
4
34
754
1131
18.0
2.00 943C8W2K-F
0.972(24.7)
1.346(34.2)
2.520(64.0)
0.047(1.2)
3
38
574
1147
22.4
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
CDE
(41mm)
MIN
(41mm)
MIN
L MAX.
T
W MAX.
d
1.625"
1.625"


Similar Part No. - 943C8P22K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
943C8P22K-F CDE-943C8P22K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
943C8P22K-F CDE-943C8P22K-F Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
More results

Similar Description - 943C8P22K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
logo
List of Unclassifed Man...
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
logo
List of Unclassifed Man...
940C6P1K-F ETC2-940C6P1K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
941C6P1K-F ETC2-941C6P1K-F Datasheet
152Kb / 2P
   High dV/dt, Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
logo
List of Unclassifed Man...
946C8P15J-F ETC2-946C8P15J-F Datasheet
234Kb / 2P
   High dV/dt, Round Polypropylene Capacitors
logo
Cornell Dubilier Electr...
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
942C CDE-942C Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com