Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHR2-3025 Datasheet(PDF) 1 Page - Riedon Powertron

Part # FHR2-3025
Description  Precision Shunt Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FHR2-3025 Datasheet(HTML) 1 Page - Riedon Powertron

  FHR2-3025 Datasheet HTML 1Page - Riedon Powertron FHR2-3025 Datasheet HTML 2Page - Riedon Powertron FHR2-3025 Datasheet HTML 3Page - Riedon Powertron FHR2-3025 Datasheet HTML 4Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powertron GmbH PotsdamerStrasse18a D-14513Teltow
+49(0)33283530-0
+49(0)33283530-15
ARiedonCompany
www.powertron.de
Page18
rev.03/2006A
FHR 2-3025 3818
FHR 4-3825 3825H 4618
PrecisionShuntResistors
Type
FHR 2-3025
FHR 2-3818
FHR 4-3825
FHR 4-3525H
FHR 4-4618
ResistanceRange
0.010to100Ohms
0.001to100Ohms
Powerrating
freeair70°C
for3825H
withheatsink
3W
40W
3W
5W
50W
ThermalResistanceRthj-c
2.0K/W
1.6K/W
Tolerances
from0R001
from0R005
from0R01
from0R02
0.5%/1%/2%/5%
0.25%/0.5%/1%/2%/5%
1%/2%/5%
0.5%/1%/2%/5%
0.1%/0.25%/0.5%/1%/2%/5%
0.1%/0.25%/0.5%/1%/2%/5%
Stability
0.1%/0.2%/0.5%
(dependsonstress)
Temperature Coefficient
Standard
Option1
±15ppm/K(20to60°C)
R ≤ 0R2 TCR see table A next page
±15ppm/K(20to60°C)
±25ppm/K(20to60°C)forcontactF
±10ppm/K(20to60°C)
(onlycontactAandK)
Max. Current
150A/200AforcontactF
VoltageProof
500VDC
ThermalEMF
<0.1µV/K
OperatingTemperatureRange
-40to130°C
ResistorMaterial
CuNiMn-Foil
Substrate
anodizedaluminium
Housing
Epoxy
ConnectorMaterial
Cutinned
Terminals
2
4
Max. torque
1Nm
SPECIFICATIONS
PartNumber-Resistance-Contact-Tolerance
FHR4-46180.050OhmsA1%
Ordering Information
Resistances from 0.001Ohm to 100Ohms
Power Rating to 50Watt
Resistance Tolerances to ±0.1%
TCR to ±10ppm/K
Very Low Inductance


Similar Part No. - FHR2-3025

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FHR2-3025 RIEDON-FHR2-3025 Datasheet
280Kb / 4P
   Precision Shunt Resistors
FHR2-3025 RIEDON-FHR2-3025_13 Datasheet
280Kb / 4P
   Precision Shunt Resistors
More results

Similar Description - FHR2-3025

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
UHN2-3825D RIEDON-UHN2-3825D Datasheet
285Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
   Precision Shunt Resistors
FPR2A-1RF1 RIEDON-FPR2A-1RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-1617 RIEDON-FPR2-1617 Datasheet
358Kb / 3P
   Precision Shunt Resistors
FHR2-3025 RIEDON-FHR2-3025_13 Datasheet
280Kb / 4P
   Precision Shunt Resistors
FPR2A-0R5F1 RIEDON-FPR2A-0R5F1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_15 Datasheet
210Kb / 2P
   Precision Shunt Resistors
USR4-1410 RIEDON-USR4-1410 Datasheet
261Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com