Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB70NF3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB70NF3LL
Description  N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NF3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STB70NF3LL Datasheet HTML 1Page - STMicroelectronics STB70NF3LL Datasheet HTML 2Page - STMicroelectronics STB70NF3LL Datasheet HTML 3Page - STMicroelectronics STB70NF3LL Datasheet HTML 4Page - STMicroelectronics STB70NF3LL Datasheet HTML 5Page - STMicroelectronics STB70NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 2: Unclamped Inductive Waveform
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
STB70NF3LL
4/6


Similar Part No. - STB70NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
481Kb / 10P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB70NF3LLT4 STMICROELECTRONICS-STB70NF3LLT4 Datasheet
481Kb / 10P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NF3LLT4 STMICROELECTRONICS-STB70NF3LLT4 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
More results

Similar Description - STB70NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STB70NF02L STMICROELECTRONICS-STB70NF02L Datasheet
46Kb / 6P
   N-CHANNEL 20V - 0.006 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STB60NF03L STMICROELECTRONICS-STB60NF03L Datasheet
48Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
   N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STB90NF03L STMICROELECTRONICS-STB90NF03L Datasheet
246Kb / 8P
   N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com