Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

946C20P33J-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 946C20P33J-F
Description  High dV/dt, Round Polypropylene Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

946C20P33J-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  946C20P33J-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 946C20P33J-F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 946 High dV/dt, Round Polypropylene Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Double Metallized Axial Leaded Type 946C is a round, axial leaded metallized polypropylene
capacitor with double metallized electrodes for both self healing
properties and high peak current carrying capability (dV/dt). The
series features low ESR characteristics, excellent high frequency
and high voltage capabilities.
Highlights
• Low ESR
• High dV/dt
• High Frequency
• High Voltage
Specifications
Capacitance Range:
Voltage Range:
Capacitance tolerance:
Operating Temperature Range:
.01 to 2.5 µF
850 - 3000 Vdc (450 - 750 Vac. 60 Hz)
±5% (J) Standard, ±10% (K) Optional
– 55 ºC to 105 ºC (with full rated voltage at 85 ºC
derate lineraly to 50% of rated voltage at 105 ºC)
Outline Drawing
Ratings
Cap.
(µF)
Catalog
Part Number
D
+.08 (2.0)
Inches (mm)
L
±.05 (1.2)
Inches (mm)
d
Inches (mm)
Typical
ESR
@100 KHz
milliohms
dV/dt
(V/µs)
I peak
(A)
I
RMS
70 ºC
100 kHz
(A)
850 Vdc (450 Vac)
0.15
946C8P15J–F
0.394 (10.0)
1.220 (31.0)
.040 (1.0)
8.5
300
45
5
0.22
946C8P22J–F
0.472 (12.0)
1.220 (31.0)
.040 (1.0)
6.6
300
66
7
0.33
946C8P33J–F
0.571 (14.5)
1.220 (31.0)
.040 (1.0)
4.6
300
100
9
0.47
946C8P47J–F
0.669 (17.0)
1.220 (31.0)
.040 (1.0)
3.5
300
140
9
0.68
946C8P68J–F
0.807 (20.5)
1.220 (31.0)
.040 (1.0)
2.7
300
200
9
1.00
946C8W1J–F
0.807 (20.5)
1.654 (42.0)
.040 (1.0)
3.1
200
200
9
1.50
946C8W1P5J–F
0.965 (24.5)
1.654 (42.0)
.051 (1.3)
2.3
200
300
11
2.00
946C8W2J–F
1.122 (28.5)
1.654 (42.0)
.051 (1.3)
2.0
200
400
11
2.20
946C8W2P2J–F
1.181 (30.0)
1.654 (42.0)
.051 (1.3)
1.9
200
440
11
2.50
946C8W2P5J–F
1.240 (31.5)
1.654 (42.0)
.051 (1.3)
1.9
200
500
11
1200 Vdc (500 Vac)
0.10
946C12P1J–F
0.551 (14.0)
1.220 (31.0)
.040 (1.0)
8.7
1100
110
7
0.15
946C12P15J–F
0.699 (17.0)
1.220 (31.0)
.040 (1.0)
6.1
1100
165
9
Complies with the EU Directive 2002/95/EC
requirement restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd), Hexavalent
chromium (Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl Ethers
(PBDE).
CDE


Similar Part No. - 946C20P33J-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
946C20P33J-F CDE-946C20P33J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
More results

Similar Description - 946C20P33J-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
940C6P1K-F ETC2-940C6P1K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
logo
List of Unclassifed Man...
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
logo
List of Unclassifed Man...
941C6P1K-F ETC2-941C6P1K-F Datasheet
152Kb / 2P
   High dV/dt, Metallized Polypropylene Film Capacitors
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com