Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHR4-80370 Datasheet(PDF) 1 Page - Riedon Powertron

Part # FHR4-80370
Description  Precision Power Shunt Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FHR4-80370 Datasheet(HTML) 1 Page - Riedon Powertron

  FHR4-80370 Datasheet HTML 1Page - Riedon Powertron FHR4-80370 Datasheet HTML 2Page - Riedon Powertron FHR4-80370 Datasheet HTML 3Page - Riedon Powertron FHR4-80370 Datasheet HTML 4Page - Riedon Powertron FHR4-80370 Datasheet HTML 5Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Powertron GmbH PotsdamerStrasse18a D-14513Teltow
+49(0)33283530-0
+49(0)33283530-15
ARiedonCompany
www.powertron.de
Page22
rev.03/2006A
FHR 2/4-8065 80110 80216 80320 80370
PrecisionPowerShuntResistors
Type
8065
80110
80216
80320
80370
ResistanceRange
0.001to400Ohms
0.001to500Ohms
Powerrating
freeair25°C
withheatsink
24W
350W
32W
600W
60W
1200W
80W
2000W
90W
2500W
ThermalResistanceRthj-c
0.16K/W
0.09K/W
0.04K/W
0.026K/W
0.022K/W
Tolerances(4terminalversion)
from0.001Ohms
from0.01Ohms
from0.02Ohms
Tolerances(2terminalversion)
0.5%/1%/2%/5%
0.25%/0.5%/1%/2%/5%
0.1%/0.25%/0.5%/1%/2%/5%
0.5%/1%/2%/5%
Stability
0.1%/0.2%/0.5%
(dependsonstress)
Temperature Coefficient (4 terminal version)
Temperature Coefficient (2 terminal version)
±15ppm/K(20to60°C)
from R ≤ 0.02 Ohms ±20ppm/K (20 to 60°C)
from R ≤ 0.01 Ohms ±30ppm/K (20 to 60°C)
±15ppm/K(20to60°C)
±50ppm/K(-40to130°C)
R ≤ 0.2 Ohms TCR see table A next page
Max. Current
60A
uponrequestspecialcableupto250A
Inductivity
<50nH
Capacityagainsthousing
500pF
850pF
1.7nF
2.5nF
2.9nF
InsulationStrenght
1.5kVDV(higheruponrequest)
ThermalEMF
<0.1µV/K
OperatingTemperatureRange
-40to130°C
ResistorMaterial
CuNiMn-Foil
Substrate
anodizedaluminium
Housing
anodizedaluminium
ConnectorMaterial
Cu-Cable/4mm²/500mmlenght
(otheruponrequest/AWGpossible)
Terminals
2or4
SPECIFICATIONS
PartNumber-Resistance-Contact-Tolerance
FHR4-802161.0OhmsD1%
Ordering Information
Resistances from 0.001Ohm to 500Ohms
Power Rating to 2500Watt
Resistance Tolerances to ±0.1%
TCR to ±15ppm/K
Load Stability to 0.1%
Very Low Inductance (<50nH)


Similar Part No. - FHR4-80370

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FHR4-80370 WILLOW-FHR4-80370 Datasheet
113Kb / 2P
   High Stability Power Rating from to 2500 W
More results

Similar Description - FHR4-80370

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FPR2B-0R05F2 RIEDON-FPR2B-0R05F2 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPR2-T220 RIEDON-FPR2-T220_14 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
logo
List of Unclassifed Man...
PMS ETC-PMS Datasheet
556Kb / 1P
   POWER METERING PRECISION SHUNT RESISTORS
logo
Riedon Powertron
UHN2-3825D RIEDON-UHN2-3825D Datasheet
285Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
   Precision Shunt Resistors
FPR2A-1RF1 RIEDON-FPR2A-1RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com