Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHR4-80370 Datasheet(PDF) 4 Page - Riedon Powertron

Part # FHR4-80370
Description  Precision Power Shunt Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

FHR4-80370 Datasheet(HTML) 4 Page - Riedon Powertron

  FHR4-80370 Datasheet HTML 1Page - Riedon Powertron FHR4-80370 Datasheet HTML 2Page - Riedon Powertron FHR4-80370 Datasheet HTML 3Page - Riedon Powertron FHR4-80370 Datasheet HTML 4Page - Riedon Powertron FHR4-80370 Datasheet HTML 5Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powertron GmbH PotsdamerStrasse18a D-14513Teltow
+49(0)33283530-0
+49(0)33283530-15
ARiedonCompany
www.powertron.de
Page25
rev.03/2006A
10
100
1000
10000
100000
ImpulseTime(s)
10
100
1000
10000
100000
Impulse Time (s)
100
1000
10000
100000
ImpulseTime(s)
ResistancevalueR01toR1
StabilityagainstImpulses
Referencevalueswithoutheatsink
SPECIFICATIONS (continued)
FHR 2/4-806580110802168032080370
PrecisionPowerShuntResistors
ResistancevalueR1to1R
Resistancevalue1Rto10R
80370
80320
80216
80110
8065
80370
80320
80216
80110
8065
80370
80320
80216
80110
8065


Similar Part No. - FHR4-80370

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FHR4-80370 WILLOW-FHR4-80370 Datasheet
113Kb / 2P
   High Stability Power Rating from to 2500 W
More results

Similar Description - FHR4-80370

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FPR2B-0R05F2 RIEDON-FPR2B-0R05F2 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPR2-T220 RIEDON-FPR2-T220_14 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPR2A-50RF1 RIEDON-FPR2A-50RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
USR4-3425 RIEDON-USR4-3425 Datasheet
359Kb / 3P
   Precision Shunt Resistors
logo
List of Unclassifed Man...
PMS ETC-PMS Datasheet
556Kb / 1P
   POWER METERING PRECISION SHUNT RESISTORS
logo
Riedon Powertron
UHN2-3825D RIEDON-UHN2-3825D Datasheet
285Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
   Precision Shunt Resistors
FPR2A-1RF1 RIEDON-FPR2A-1RF1 Datasheet
173Kb / 2P
   Precision Shunt Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com