Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

940C12W1K-F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 940C12W1K-F
Description  High dV/dt, Round Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

940C12W1K-F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  940C12W1K-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 940C12W1K-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 940C12W1K-F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
I
RMS
Catalog
Typical
Typical
70 ºC
Cap.
Part Number
D
L
d
ESR
ESL
dV/dt I peak 100 kHz
(µF)
Inches (mm) Inches (mm) Inches (mm)
(mΩ)
(nH)
V/µs
(A)
(A)
1000 Vdc (500 Vac)
.15
940C10P15K-F
.591 (15.0)
1.339
(34.0)
.040 (1.0)
7
22
856
128
6.7
.22
940C10P22K-F
.689 (17.5)
1.339
(34.0)
.040 (1.0)
7
23
856
188
7.4
.33
940C10P33K-F
.807 (20.5)
1.339
(34.0)
.040 (1.0)
6
24
856
283
8.8
.47
940C10P47K-F
.945 (24.0)
1.339
(34.0)
.047 (1.2)
5
26
856
402
10.6
.68
940C10P68K-F
1.102 (28.0)
1.339
(34.0)
.047 (1.2)
5
27
856
582
11.7
1.00 940C10W1K-F
1.024 (26.0)
1.811
(46.0)
.047 (1.2)
5
32
480
480
12.5
1.50 940C10W1P5K-F
1.220 (31.0)
1.811
(46.0)
.047 (1.2)
4
34
480
720
15.6
2.00 940C10W2K-F
1.398 (35.5)
1.811
(46.0)
.047 (1.2)
3
36
480
960
19.6
1200 Vdc (500 Vac)
.10
940C12P1K-F
.610 (15.5)
1.339
(34.0)
.040 (1.0)
9
22
1142
114
6.1
.15
940C12P15K-F
.728 (18.5)
1.339
(34.0)
.040 (1.0)
7
23
1142
171
7.6
.22
940C12P22K-F
.846 (21.5)
1.339
(34.0)
.040 (1.0)
7
24
1142
251
8.4
.33
940C12P33K-F
.787 (20.0)
1.811
(46.0)
.040 (1.0)
7
29
640
211
9.0
.47
940C12P47K-F
.906 (23.0)
1.811
(46.0)
.047 (1.2)
7
30
640
301
9.8
.68
940C12P68K-F
1.063 (27.0)
1.811
(46.0)
.047 (1.2)
6
32
640
435
11.7
1.00 940C12W1K-F
1.299 (33.0)
1.811
(46.0)
.047 (1.2)
5
35
640
640
14.5
1.50 940C12W1P5K-F
1.378 (35.0)
2.126
(54.0)
.047 (1.2)
4
39
502
754
17.9
1600 Vdc (630 Vac)
.10
940C16P1K-F
.709 (18.0)
1.339
(34.0)
.040 (1.0)
7
23
1427
143
7.5
.15
940C16P15K-F
.846 (21.5)
1.339
(34.0)
.040 (1.0)
5
24
1427
214
9.9
.22
940C16P22K-F
1.004 (25.5)
1.339
(34.0)
.047 (1.2)
7
26
1427
314
9.3
.33
940C16P33K-F
.925 (23.5)
1.811
(46.0)
.047 (1.2)
7
31
800
264
10.0
.47
940C16P47K-F
1.083 (27.5)
1.811
(46.0)
.047 (1.2)
6
32
800
376
11.8
.68
940C16P68K-F
1.280 (32.5)
1.811
(46.0)
.047 (1.2)
6
35
800
544
13.1
1.00 940C16W1K-F
1.535 (39.0)
1.811
(46.0)
.047 (1.2)
5
37
800
800
16.2
1.50 940C16W1P5K-F
1.654 (42.0)
2.126
(54.0)
.047 (1.2)
4
42
628
942
20.1
2000 Vdc (630 Vac)
.022 940C20S22K-F
.453 (11.5)
1.339
(34.0)
.032
(.8)
35
6
1712
38
2.6
.033 940C20S33K-F
.531 (13.5)
1.339
(34.0)
.032
(.8)
20
21
1712
57
3.8
.047 940C20S47K-F
.591 (15.0)
1.339
(34.0)
.040 (1.0)
12
22
1712
80
5.2
.068 940C20S68K-F
.689 (17.5)
1.339
(34.0)
.040 (1.0)
8
23
1712
116
6.9
.100 940C20P1K-F
.827 (21.0)
1.339
(34.0)
.040 (1.0)
7
24
1712
171
8.3
.150 940C20P15K-F
.768 (19.5)
1.811
(46.0)
.040 (1.0)
7
29
960
144
8.9
.220 940C20P22K-F
.866 (22.0)
1.811
(46.0)
.040 (1.0)
8
30
960
211
9.0
.330 940C20P33K-F
1.063 (27.0)
1.811
(46.0)
.047 (1.2)
8
32
960
317
10.1
.470 940C20P47K-F
1.260 (32.0)
1.811
(46.0)
.047 (1.2)
6
34
960
451
13.0
.560 940C20P56K-F
1.220 (31.0)
2.126
(54.0)
.047 (1.2)
7
37
754
422
12.6
.680 940C20P68K-F
1.339 (34.0)
2.126
(54.0)
.047 (1.2)
6
39
754
513
14.3
1.00 940C20W1K-F
1.614 (41.0)
2.126
(54.0)
.047 (1.2)
5
42
754
754
17.7
3000 Vdc (750 Vac)
.010 940C30S1K-F
0.453 (11.5)
1.339
(34.0)
.032
(.8)
60
20
2568
26
2.0
.015 940C30S15K-F
0.531 (13.5)
1.339
(34.0)
.032
(.8)
40
21
2568
39
2.7
.022 940C30S22K-F
0.61 (15.5)
1.339
(34.0)
.040 (1.0)
25
22
2568
57
3.6
.033 940C30S33K-F
0.709 (18.0)
1.339
(34.0)
.040 (1.0)
14
23
2568
85
5.3
.047 940C30S47K-F
0.65 (16.5)
1.811
(46.0)
.040 (1.0)
14
28
1440
68
5.7
.068 940C30S68K-F
0.748 (19.0)
1.811
(46.0)
.040 (1.0)
12
29
1440
98
6.7
.100 940C30P1K-F
0.886 (22.5)
1.811
(46.0)
.047 (1.2)
10
30
1440
144
8.1
.150 940C30P15K-F
1.063 (27.0)
1.811
(46.0)
.047 (1.2)
8
32
1440
216
10.1
Type 940C High dV/dt, Round Polypropylene Film Capacitors
Ratings


Similar Part No. - 940C12W1K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
940C12W1K-F CDE-940C12W1K-F Datasheet
285Kb / 3P
   Type 940C through 943C Power Film Capacitors
940C12W1K-F CDE-940C12W1K-F Datasheet
279Kb / 5P
   High dV/dt for Snubber Applications
More results

Similar Description - 940C12W1K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
942C6P15K-F ETC2-942C6P15K-F Datasheet
220Kb / 2P
   Very High dV/dt, Round Polypropylene Film Capacitors
946C8P15J-F ETC2-946C8P15J-F Datasheet
234Kb / 2P
   High dV/dt, Round Polypropylene Capacitors
logo
Cornell Dubilier Electr...
942C6P15K-F CDE-942C6P15K-F Datasheet
220Kb / 2P
   Type 942C Very High dV/dt, Round Polypropylene Film Capacitors
logo
List of Unclassifed Man...
941C6P1K-F ETC2-941C6P1K-F Datasheet
152Kb / 2P
   High dV/dt, Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
946C8P15J-F CDE-946C8P15J-F Datasheet
234Kb / 2P
   Type 946 High dV/dt, Round Polypropylene Capacitors
logo
List of Unclassifed Man...
943C6P15K-F ETC2-943C6P15K-F Datasheet
226Kb / 2P
   Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
941C6P1K-F CDE-941C6P1K-F Datasheet
152Kb / 2P
   Type 941C High dV/dt, Metallized Polypropylene Film Capacitors
943C6P15K-F CDE-943C6P15K-F Datasheet
226Kb / 2P
   Type 943C Very High dV/dt, Oval Polypropylene Film Capacitors
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com