Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-36 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TGL41-36
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TGL41-36 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TGL41-36 Datasheet HTML 1Page - TAITRON Components Incorporated TGL41-36 Datasheet HTML 2Page - TAITRON Components Incorporated TGL41-36 Datasheet HTML 3Page - TAITRON Components Incorporated TGL41-36 Datasheet HTML 4Page - TAITRON Components Incorporated TGL41-36 Datasheet HTML 5Page - TAITRON Components Incorporated TGL41-36 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/DX 2007-06-04
TGL41-6.8 - TGL41-170CA
400W Surface Mount Transient
Voltage Suppressor
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
400W Surface Mount Transient Voltage Suppressor
Features
• Breakdown voltage from 6.8 to 170 volts
• Glass passivated junction
• Excellent clamping capability
• Low incremental surge resistance
• 400W peak pulse capability with a 10/1000us waveform,
Repetition rate (duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0V to VBR
• For devices with VBR≥10V, ID are typically less than 1.0uA
• High temperature soldering guaranteed 250°C/10 seconds at terminals
• RoHS Compliant
Mechanical Data
Case:
JEDEC DO-213AB (MELF) molded plastic body over passivated junction
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Blue bands denotes the cathode which is positive with respect to the anode under normal TVS operation
Mounting position:
Any
Weight:
0.0046 Ounce, 0. 116 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PPPM
Peak Pulse Power Dissipation
on 10/1000 us waveform
Minimum 400
W
Non-repetitive current pulse, per FIG.3 and
derated above TA=25° C per FIG.2
IPPM
Peak Pulse current with a
10/1000 us waveform
See Table
A
IFSM
Peak Forward Surge Current
40
A
8.3ms single half sine-wave superimposed
on rated load, (JEDEC Method)
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
° C
Note:
Mounted on copper pads to each terminal of 0.31 in² (8.0 mm²) per Fig.5
MELF (DO-213AB)


Similar Part No. - TGL41-36

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-36 DIOTEC-TGL41-36 Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-36 MICROSEMI-TGL41-36 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-36 MICROSEMI-TGL41-36 Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-36 VISHAY-TGL41-36 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
Diotec Semiconductor
TGL41-36 DIOTEC-TGL41-36 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - TGL41-36

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com