Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVXO-PC73BR-1244.16 Datasheet(PDF) 5 Page - Fox Electronics

Part # FVXO-PC73BR-1244.16
Description  LVPECL 7 x 5mm 3.3V VCXO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC73BR-1244.16 Datasheet(HTML) 5 Page - Fox Electronics

  FVXO-PC73BR-1244.16 Datasheet HTML 1Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 2Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 3Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 4Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 5Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 6Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 7Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 8Page - Fox Electronics FVXO-PC73BR-1244.16 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FVXO-PC73 Series
Page 5 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Jitter is frequency dependent. Below are typical values at select frequencies.
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 3.3V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
LVPECL Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
62.5 MHz
1.01
3.1
pS RMS
156.25 MHz
0.86
3.5
pS RMS
212.5 MHz
1.05
3.6
pS RMS
622.08MHz
0.94
3.5
pS RMS
LVPECL Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
62.5 MHz
1.27
8.1
26.2 pS
156.25 MHz
1.29
9.3
27.7 pS
212.5 MHz
1.22
8.6
26.1 pS
622.08 MHz
1.21
9.6
26.8 pS
Phase Noise
Offset Frequency
(10Hz to 40MHz)
(dBc / Hz) vs. offset frequency
Phase Noise Graph
1k
-110dBc
-120dBc
-130dBc
-150dBc
-140dBc
-160dBc
10
100
-100dBc
-60dBc
-80dBc
-90dBc
-70dBc
-40dBc
-50dBc
-30dBc
-20dBc
-10dBc
0 dBc
1M
10k
100k
FOUR frequencies matching
10M
40M
62.5 MHz
212.5 MHz
622.08 MHz
62.5 MHz
622.08 MHz
212.5 MHz
156.25MHz
156.25MHz
Data Collected using HP 3048A
the below jitter measurements


Similar Part No. - FVXO-PC73BR-1244.16

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-PC72B-900.25 FOX-FVXO-PC72B-900.25 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-PC72BR-900.25 FOX-FVXO-PC72BR-900.25 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
More results

Similar Description - FVXO-PC73BR-1244.16

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-PC735RGB-125 FOX-FXO-PC735RGB-125 Datasheet
208Kb / 2P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 125MHz
FXO-PC735RGB-312 FOX-FXO-PC735RGB-312 Datasheet
209Kb / 3P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 312.5MHz
FXO-PC735RGB-156 FOX-FXO-PC735RGB-156 Datasheet
208Kb / 2P
   LVPECL 7 x 5mm 3.3V 50ppm XO Freq: 156.25MHz
FVXO-PC53 FOX-FVXO-PC53 Datasheet
332Kb / 15P
   LVPECL 5 x 3.2mm 3.3V VCXO
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
   LVDS 7 x 5mm 2.5V VCXO
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
   HCMOS 7 x 5mm 2.5V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com