Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-HC536R-106.25 Datasheet(PDF) 4 Page - Fox Electronics

Part # FXO-HC536R-106.25
Description  HCMOS 5 x 3.2mm 3.3V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC536R-106.25 Datasheet(HTML) 4 Page - Fox Electronics

  FXO-HC536R-106.25 Datasheet HTML 1Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 2Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 3Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 4Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 5Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 6Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 7Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 8Page - Fox Electronics FXO-HC536R-106.25 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FXO-HC53 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
If 30% to 70% times are used, Rise and Fall times change to 1.5 nS from 0.75 to 250MHz
If 20% to 80% times are used, Rise and Fall times change to 2 nS from 0.75 to 150MHz
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Output LOW Voltage
VOL
0.75 to 150 MHz
150+ to 250 MHz
10% VDD
20% VDD
Output HIGH Voltage
VOH
0.75 to 150 MHz
150+ to 250 MHz
90% VDD MIN
80% VDD MIN
Output Symmetry (See Drawing Below)
@ 50% VDD Level
45% ~ 55%
Output Enable (PIN # 1) Voltage
VIH
> 70% VDD
Output Disable (PIN # 1) Voltage
VIL
< 30% VDD
Cycle Rise Time (See Drawing Below)
TR
0.75 to 150 MHz
150+ to 250 MHz
3 nS (10%~90%)
3 nS (20%~80%)
Cycle Fall Time (See Drawing Below)
TF
0.75 to 150 MHz
150+ to 250 MHz
3 nS (90%~10%)
3 nS (80%~20%)
20% to 80%
10% to 90%
0V to V
Rise Time
10% - 90%
90% - 10%
Fall Time
Times
80 - 20
50% V
On Time
Off Time
1/2 Period
Period
Ideally, Symmetry should be 50/50 -- Other expressions are 45/55 or 55/45
1/2 Period
Rise Time / Fall Time Measurements
Oscillator Symmetry
70 - 30
Times
30% to 70%
DD
DD


Similar Part No. - FXO-HC536R-106.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
More results

Similar Description - FXO-HC536R-106.25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FVXO-HC53 FOX-FVXO-HC53 Datasheet
365Kb / 15P
   HCMOS 5 x 3.2mm 3.3V VCXO
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com