Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-HC520R-106.25 Datasheet(PDF) 7 Page - Fox Electronics

Part # FXO-HC520R-106.25
Description  HCMOS 5 x 3.2mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC520R-106.25 Datasheet(HTML) 7 Page - Fox Electronics

Back Button FXO-HC520R-106.25 Datasheet HTML 3Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 4Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 5Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 6Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 7Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 8Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 9Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 10Page - Fox Electronics FXO-HC520R-106.25 Datasheet HTML 11Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FXO-HC52 Series
Page 7 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Mechanical Dimensional Drawing & Pad Layout
5.15 Max
1.4 Max
Solder Pad Layout
Recommended
3.35 Max
0.64
#1
#3
2.54
1.2
#2
#4
1.24
2.54
2.25
Pin 1 Designator
(FOX Head or Dot)
1.29
Note: XPRESSO HCMOS XOs are designed to fit on
industry standard, 4 pad, layouts.
#4
TP*
#3
#2
TP*
#1
Pin Connections
#1) E/D
#3 Output
#2 GND
#4 VDD
*TP are test points and are NC
1.27
Top
View
Bottom
View
Actual part marking
is depicted.
See
Traceability (pg. 8)
for more information
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary


Similar Part No. - FXO-HC520R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC53 ETC2-FXO-HC53 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC530-106.25 FOX-FXO-HC530-106.25 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC530R-106.25 FOX-FXO-HC530R-106.25 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO-HC535-106.25 FOX-FXO-HC535-106.25 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
More results

Similar Description - FXO-HC520R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
   HCMOS 5 x 3.2mm 2.5V VCXO
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com