Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-HC726R-106.25 Datasheet(PDF) 8 Page - Fox Electronics

Part # FXO-HC726R-106.25
Description  HCMOS 7 x 5mm 2.5V Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC726R-106.25 Datasheet(HTML) 8 Page - Fox Electronics

Back Button FXO-HC726R-106.25 Datasheet HTML 4Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 5Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 6Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 7Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 8Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 9Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 10Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 11Page - Fox Electronics FXO-HC726R-106.25 Datasheet HTML 12Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FXO-HC72 Series
Page 8 of 14
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
LOT Number
The LOT Number has direct ties to the customer purchase order. The LOT Number is marked on the
“Reel” label, and also stored internally on non-volatile memory inside the XPRESSO part. XPRESSO parts
that are shipped Tape and Reel, are also placed in an Electro Static Discharge (ESD) bag and will have the
LOT Number labeled on the exterior of the ESD bag.
It is recommended that the XPRESSO parts remain in this ESD bag during storage for protection and
identification.
If the parts become separated from the label showing the LOT Number, it can be retrieved from inside one
of the parts, and the information that can be obtained is listed below:
• Customer Purchase Order Number
• Internal Fox Sales Order Number
• Dates that the XPRESSO part was shipped from the factory
• The assigned customer part number
• The specification that the part was designed for
Serial Identification
The Serial ID is the individualized information about the configuration of that particular XPRESSO part. The
Serial ID is unique for each and every XPRESSO part, and can be read by special Fox equipment.
With the Serial ID, the below information can be obtained about that individual, XPRESSO part:
• Equipment that the XPRESSO part was configured on
• Raw material used to configure the XPRESSO part
• Traceability of the raw material back to the foundries manufacturing lot
• Date and Time that the part was configured
• Any optimized electrical parameters based on customer specifications
• Electrical testing of the actual completed part
• Human resource that was monitoring the configuration of the part
Fox has equipment placed at key Fox locations World Wide to read the Lot Identification and Serial
Number of any XPRESSO part produced and can then obtain the information from above within 24 hours
Traceability – LOT Number & Serial Identification


Similar Part No. - FXO-HC726R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC730 ETC2-FXO-HC730 Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC730-106.25 FOX-FXO-HC730-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC730R ETC2-FXO-HC730R Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC730R-106.25 FOX-FXO-HC730R-106.25 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-HC726R-106.25

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
   HCMOS 7 x 5mm 2.5V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
   LVPECL 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
XOF91 EUROQUARTZ-XOF91 Datasheet
143Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
   7 x 5mm High Frequency HCMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com