Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7C-2E3R Datasheet(PDF) 1 Page - Fox Electronics

Part # H7C-2E3R
Description  3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

H7C-2E3R Datasheet(HTML) 1 Page - Fox Electronics

  H7C-2E3R Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
64
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
© 2004 FOX ELECTRONICS
FEATURES
• 3.3V Operation
• HCMOS Output
• Tri-State Enable/Disable
• 8-Pin DIP
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
MODEL: H5C-2E3
All dimensions are in millimeters.
OUTPUT (Pin 5)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
INH (Pin 1)
OPEN 2
'1' Level VIH
≥ 2.2 V
'0' Level VIL
≤ 0.8 V
Learn more about:
Part Marking Identification
Mechanical Specification
Internet required
OPTIONS
• 14-Pin DIP Available (F5C-2E3)
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 1 to VDD allows active output if pin 1 is left open.
All specifications subject to change without notice. Rev. 6/1/04
1.000 ~ 160.000 MHz
-55ºC ~ +125ºC
3.3V ± 10%
15mA
20mA
40mA
45mA
60mA
40% ~ 60%
10 nS
10 nS
10% VDD
90% VDD Min
8mA Min
-8mA Min
15pF
10mS
100nS
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Input Current
(IDD)
1.000 ~ 23.999 MHz
24.000 ~ 49.999 MHz
50.000 ~ 69.999 MHz
70.000 ~ 125.000 MHz
125.000 ~ 160.000 MHz
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD)(TR)
Fall Time (90% ~ 10% VDD)(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Start-up Time
(TS)
Output Enable/Disable Time 2
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
±25PPM
±20PPM
Operating
Temperature (ºC)
0 ~ +70
-40 ~ +85
0 ~ +70
-40 ~ +85
0 ~ +70
-40 ~ +85
0 ~ +70
Frequency
Range (MHz)
1.000~160.000
1.000~160.000
1.000~160.000
1.000~160.000
1.000~160.000
1.000~125.000
1.000~125.000
Model
Number
H5C-2E3
H5C-2E3R
H6C-2E3
H6C-2E3R
H7C-2E3
H7C-2E3R
H8C-2E3
• PART NUMBER SELECTION Learn More - Internet Required
Part Number
350-Frequency-xxxxx
351-Frequency-xxxxx
272-Frequency-xxxxx
352-Frequency-xxxxx
354-Frequency-xxxxx
353-Frequency-xxxxx
566-Frequency-xxxxx
Discontinued


Similar Part No. - H7C-2E3R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7C-2E3R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E FOX-H5C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
F5C-2E FOX-F5C-2E Datasheet
172Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3LF FOX-H5C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
logo
Wolfgang Knap
NHB WK-NHB Datasheet
35Kb / 1P
   8-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
NFB WK-NFB Datasheet
70Kb / 1P
   14-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Fox Electronics
F5C-2ELF FOX-F5C-2ELF Datasheet
152Kb / 1P
   Tri-State Enable/Disable 5.0V Oscillator
H5C-2ELF FOX-H5C-2ELF Datasheet
160Kb / 1P
   Tri-State Enable/Disable 5.0V Oscillator
logo
Connor-Winfield Corpora...
TFLD646E CONNOR-WINFIELD-TFLD646E Datasheet
135Kb / 2P
   3.3V SURFACE MOUNT HCMOS TCXO WITH TRI-STATE ENABLE / DISABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com