Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-PC725-906 Datasheet(PDF) 7 Page - Fox Electronics

Part # FXO-PC725-906
Description  LVPECL 7 x 5mm 2.5V Oscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-PC725-906 Datasheet(HTML) 7 Page - Fox Electronics

Back Button FXO-PC725-906 Datasheet HTML 3Page - Fox Electronics FXO-PC725-906 Datasheet HTML 4Page - Fox Electronics FXO-PC725-906 Datasheet HTML 5Page - Fox Electronics FXO-PC725-906 Datasheet HTML 6Page - Fox Electronics FXO-PC725-906 Datasheet HTML 7Page - Fox Electronics FXO-PC725-906 Datasheet HTML 8Page - Fox Electronics FXO-PC725-906 Datasheet HTML 9Page - Fox Electronics FXO-PC725-906 Datasheet HTML 10Page - Fox Electronics FXO-PC725-906 Datasheet HTML 11Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FXO-PC72 Series
Page 7 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
VIEW
1.8
2
TOP
2.6
#1
#2
#3
4.2
5.08
2.54
5.08
Solder Pad Layout
Recommended
#5
#6
#4
5.2 Max
1.4 Max
#1
#2
#3
2.54
1.4
0.5
PRESS
7.5 Max
#5
#6
X
#4
O
Mechanical Dimensional Drawing & Pad Layout
Actual part marking
is depicted.
See Traceability (pg. 9)
for more information
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
Note: XPRESSO LVPECL XOs are designed to fit on
Industry standard, 6 pad, layouts.
Pin Connections
#1) E/D
#4) Output
#2)
NC
#5) Output 2
#3) GND
#6) VDD


Similar Part No. - FXO-PC725-906

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-PC730-906 FOX-FXO-PC730-906 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-PC730R-906 FOX-FXO-PC730R-906 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-PC735-906 FOX-FXO-PC735-906 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-PC735R-906 FOX-FXO-PC735R-906 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
More results

Similar Description - FXO-PC725-906

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
   LVPECL 7 x 5mm 2.5V VCXO
logo
EUROQUARTZ limited
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
   7 x 5mm Programmable LVPECL Oscillator
logo
Fox Electronics
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
   LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com